Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1212 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS92LV1212
Description  16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV1212 Datasheet(HTML) 2 Page - Texas Instruments

  DS92LV1212 Datasheet HTML 1Page - Texas Instruments DS92LV1212 Datasheet HTML 2Page - Texas Instruments DS92LV1212 Datasheet HTML 3Page - Texas Instruments DS92LV1212 Datasheet HTML 4Page - Texas Instruments DS92LV1212 Datasheet HTML 5Page - Texas Instruments DS92LV1212 Datasheet HTML 6Page - Texas Instruments DS92LV1212 Datasheet HTML 7Page - Texas Instruments DS92LV1212 Datasheet HTML 8Page - Texas Instruments DS92LV1212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS92LV1212
16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer
with Embedded Clock Recovery
General Description
The DS92LV1212 is an upgrade of the DS92LV1210. It
maintains all of the features of the DS92LV1210 with the ad-
ditional capability of locking to the incoming data stream
without the need of SYNC patterns. This makes the
DS92LV1212 useful in applications where the Deserializer
must be operated “open-loop” — without a feedback path
from the Deserializer to the Serializer. The DS92LV1212 is
designed to be used with the DS92LV1021 Bus LVDS Serial-
izer. The DS92LV1212 receives a Bus LVDS serial data
stream and transforms it into a 10-bit wide parallel data bus
and separate clock. The reduced cable, PCB trace count
and connector size saves cost and makes PCB layout
easier. Clock-to-data and data-to-data skews are eliminated
since one input receives both clock and data bits serially.
The powerdown pin is used to save power by reducing the
supply current when the device is not in use. The Deserial-
izer will establish lock to a synchronization pattern within
specified lock times but it can also lock to a data stream with-
out SYNC patterns.
Features
n Clock recovery without SYNC patterns-random lock
n Guaranteed transition every data transfer cycle
n Chipset (Tx + Rx) power consumption < 300mW (typ) @
40MHz
n Single differential pair eliminates multi-channel skew
n 400 Mbps serial Bus LVDS bandwidth (at 40 MHz clock)
n 10-bit parallel interface for 1 byte data plus 2 control bits
or UTOPIA I Interface
n Synchronization mode and LOCK indicator
n Flow-through pinout for easy PCB layout
n High impedance on receiver inputs when power is off
n Programmable edge trigger on clock
n Footprint compatible with DS92LV1210
n Small 28-lead SSOP package-MSA
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS100982-1
April 1999
© 1999 National Semiconductor Corporation
DS100982
www.national.com


Similar Part No. - DS92LV1212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1212 NSC-DS92LV1212 Datasheet
316Kb / 13P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212A NSC-DS92LV1212A Datasheet
366Kb / 15P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
Texas Instruments
DS92LV1212A TI-DS92LV1212A Datasheet
411Kb / 17P
[Old version datasheet]   The DS92LV 1212A is an upgrade of the DS92LV1212.
DS92LV1212A TI1-DS92LV1212A Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
National Semiconductor ...
DS92LV1212AMSA NSC-DS92LV1212AMSA Datasheet
366Kb / 15P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
More results

Similar Description - DS92LV1212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1212 NSC-DS92LV1212 Datasheet
316Kb / 13P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212A NSC-DS92LV1212A Datasheet
366Kb / 15P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
Texas Instruments
DS92LV1212AMSA TI1-DS92LV1212AMSA Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212AMSAX-NOPB TI1-DS92LV1212AMSAX-NOPB Datasheet
411Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
Texas Instruments
DS92LV1224 TI1-DS92LV1224_15 Datasheet
1Mb / 23P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com