Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1023 Datasheet(PDF) 11 Page - Texas Instruments

Part # DS92LV1023
Description  40-66 MHz 10 Bit Bus LVDS Serializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV1023 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS92LV1023 Datasheet HTML 7Page - Texas Instruments DS92LV1023 Datasheet HTML 8Page - Texas Instruments DS92LV1023 Datasheet HTML 9Page - Texas Instruments DS92LV1023 Datasheet HTML 10Page - Texas Instruments DS92LV1023 Datasheet HTML 11Page - Texas Instruments DS92LV1023 Datasheet HTML 12Page - Texas Instruments DS92LV1023 Datasheet HTML 13Page - Texas Instruments DS92LV1023 Datasheet HTML 14Page - Texas Instruments DS92LV1023 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NRND
DS92LV1023
www.ti.com
SNLS049D – MAY 2000 – REVISED APRIL 2013
Figure 13. Random Lock Hot Insertion
Pin Diagram
Figure 14. DS92LV1023TMSA - Serializer
SSOP Package
See Package Number DB0028A
SERIALIZER PIN DESCRIPTIONS
Pin Name
No.
I/O
Description
DIN
3–12
I
Data Input. LVTTL levels inputs. Data on these pins are loaded into a 10-bit input register.
TCLK_R/F
13
I
Transmit Clock Rising/Falling strobe select. LVTTL level input. Selects TCLK active edge for
strobing of DIN data. High selects rising edge. Low selects falling edge.
DO+
22
O
+ Serial Data Output. Non-inverting Bus LVDS differential output.
DO
21
O
− Serial Data Output. Inverting Bus LVDS differential output.
DEN
19
I
Serial Data Output Enable. LVTTL level input. A low, puts the Bus LVDS outputs in TRI-STATE.
PWRDN
24
I
Powerdown. LVTTL level input. PWRDN driven low shuts down the PLL and TRI-STATEs outputs
putting the device into a low power sleep mode.
TCLK
14
I
Transmit Clock. LVTTL level input. Input for 40 MHz–66 MHz (nominal) system clock.
SYNC
1, 2
I
Assertion of SYNC (high) for at least 1024 synchronization symbols to be transmitted on the Bus
LVDS serial output. Synchronization symbols continue to be sent if SYNC continues asserted. TTL
level input. The two SYNC pins are ORed.
DVCC
27, 28
I
Digital Circuit power supply.
DGND
15, 16
I
Digital Circuit ground.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS92LV1023


Similar Part No. - DS92LV1023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023EMQ NSC-DS92LV1023EMQ Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023EMQ/NOPB TI1-DS92LV1023EMQ/NOPB Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
More results

Similar Description - DS92LV1023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com