Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0421 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS92LV0421
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0421 Datasheet(HTML) 1 Page - Texas Instruments

  DS92LV0421_15 Datasheet HTML 1Page - Texas Instruments DS92LV0421_15 Datasheet HTML 2Page - Texas Instruments DS92LV0421_15 Datasheet HTML 3Page - Texas Instruments DS92LV0421_15 Datasheet HTML 4Page - Texas Instruments DS92LV0421_15 Datasheet HTML 5Page - Texas Instruments DS92LV0421_15 Datasheet HTML 6Page - Texas Instruments DS92LV0421_15 Datasheet HTML 7Page - Texas Instruments DS92LV0421_15 Datasheet HTML 8Page - Texas Instruments DS92LV0421_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DS92LV0421, DS92LV0422
www.ti.com
SNLS325C – MAY 2010 – REVISED APRIL 2013
DS92LV0421 / DS92LV0422 10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS
Parallel Interface
Check for Samples: DS92LV0421, DS92LV0422
1
FEATURES
DESCRIPTION
The
DS92LV0421
(serializer)
and
DS92LV0422
2
General
(deserializer) chipset translates a Channel Link LVDS
5-Channel (4 Data + 1 Clock) Channel Link
video interface (4 LVDS Data + LVDS Clock) into a
LVDS Parallel Interface Supports 24-bit
high-speed serialized interface over a single CML
Data 3-bit Control at 10 – 75 MHz
pair.
AC Coupled STP Interconnect up to 10
The
DS92LV0421
and
DS92LV0422
enable
Meters in Length
applications that currently use the popular Channel
Integrated Serial CML Terminations
Link or Channel Link style devices to seamlessly
upgrade to an embedded clock interface to reduce
AT–SPEED BIST Mode and Status Pin
interconnect cost or ease design challenges. The
Optional I2C Compatible Serial Control Bus
parallel LVDS interface also reduces FPGA I/O pins,
Power Down Mode Minimizes Power
board trace count and alleviates EMI issues, when
Dissipation
compared
to
traditional
single-ended
wide
bus
interfaces.
1.8V or 3.3V Compatible Control Pin
Interface
Programmable
transmit
de-emphasis,
receive
equalization, on-chip scrambling and DC balancing
>8 kV ESD (HBM) Protection
enables longer distance transmission over lossy
-40° to +85°C Temperature Range
cables
and
backplanes.
The
Deserializer
SERIALIZER – DS92LV0421
automatically locks to incoming data without an
external reference clock or special sync patterns,
Data Scrambler for Reduced EMI
providing easy “plug-and-go” operation.
DC–Balance Encoder for AC Coupling
The
DS92LV0421
and
DS92LV0422
are
Selectable Output VOD and Adjustable De-
programmable though an I2C interface as well as by
emphasis
pins. A built-in AT-SPEED BIST feature validates link
DESERIALIZER – DS92LV0422
integrity and may be used for system diagnostics.
Random Data Lock; no Reference Clock
The DS92LV0421 and DS92LV0422 can be used
Required
interchangeably
with
the
DS92LV2421
or
Adjustable Input Receiver Equalization
DS92LV2422. This allows designers the flexibility to
EMI Minimization on Output Parallel Bus
connect to the host device and receiving devices with
different interface types, LVDS or LVCMOS.
(Spread Spectrum Clock Generation and
LVDS VOD Select)
APPLICATIONS
Embedded Video and Display
Machine Vision, Industrial Imaging, Medical
Imaging
Office Automation — Printers, Scanners,
Copiers
Security and Video Surveillance
General Purpose Data Communication
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS92LV0421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com