Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0411 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV0411
Description  5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0411 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS92LV0411 Datasheet HTML 5Page - Texas Instruments DS92LV0411 Datasheet HTML 6Page - Texas Instruments DS92LV0411 Datasheet HTML 7Page - Texas Instruments DS92LV0411 Datasheet HTML 8Page - Texas Instruments DS92LV0411 Datasheet HTML 9Page - Texas Instruments DS92LV0411 Datasheet HTML 10Page - Texas Instruments DS92LV0411 Datasheet HTML 11Page - Texas Instruments DS92LV0411 Datasheet HTML 12Page - Texas Instruments DS92LV0411 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
DS92LV0411, DS92LV0412
www.ti.com
SNLS331B – MAY 2010 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage – VDDn (1.8V)
−0.3V to +2.5V
Supply Voltage – VDDIO
−0.3V to +4.0V
Supply Voltage – VDDTX
(1.8V, Ser))
−0.3V to +2.5V
Supply Voltage – VDDTX
(3.3V, Des)
−0.3V to +4.0V
LVCMOS I/O Voltage
−0.3V to (VDDIO + 0.3V)
LVDS Input Voltage
−0.3V to (VDDIO + 0.3V)
LVDS Output Voltage
−0.3V to (VDDTX + 0.3V)
CML Driver Output Voltage
−0.3V to (VDDn + 0.3V)
Receiver Input Voltage
−0.3V to (VDD + 0.3V)
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
36L WQFN Package
Maximum Power Dissipation Capacity at 25°C
Derate above 25°C
1/
θJA°C/W
θJA(with 9 thermal via)
27.4 °C/W
θJC(with 9 thermal via)
4.5 °C/W
48L WQFN Package
Maximum Power Dissipation Capacity at 25°C
Derate above 25°C
1/
θJA°C/W
θJA(with 9 thermal via)
27.7 °C/W
θJC(with 9 thermal via)
3.0 °C/W
ESD Rating (IEC, powered-up only), RD = 330Ω, CS = 150 pF
Air Discharge
(DOUT+, DOUT-, RIN+, RIN-)
≥±30 kV
Contact Discharge
(DOUT+, DOUT-, RIN+, RIN-)
≥±8 kV
ESD Rating (HBM)
≥±8 kV
ESD Rating (CDM)
≥±1.25 kV
ESD Rating (MM)
≥±250 V
For soldering specifications: http://www.ti.com/lit/SNOA549
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS92LV0411 DS92LV0412


Similar Part No. - DS92LV0411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411SQ NSC-DS92LV0411SQ Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411SQE NSC-DS92LV0411SQE Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411SQX NSC-DS92LV0411SQX Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com