Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV18 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV18
Description  18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV18 Datasheet(HTML) 3 Page - Texas Instruments

  DS92LV18 Datasheet HTML 1Page - Texas Instruments DS92LV18 Datasheet HTML 2Page - Texas Instruments DS92LV18 Datasheet HTML 3Page - Texas Instruments DS92LV18 Datasheet HTML 4Page - Texas Instruments DS92LV18 Datasheet HTML 5Page - Texas Instruments DS92LV18 Datasheet HTML 6Page - Texas Instruments DS92LV18 Datasheet HTML 7Page - Texas Instruments DS92LV18 Datasheet HTML 8Page - Texas Instruments DS92LV18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DS92LV18
www.ti.com
SNLS156E – SEPTEMBER 2003 – REVISED APRIL 2013
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ(1)
Max
Units
LVCMOS/LVTTL DC Specifications
VIH
High Level Input Voltage
2.0
VCC
V
DEN, TCLK, TPWDN,
DIN,
VIL
Low Level Input Voltage
GND
0.8
V
SYNC, RCLK_R/F,
VCL
Input Clamp Voltage
ICL = −18 mA
-0.7
−1.5
V
REN, REFCLK,
RPWDN
IIN
Input Current
VIN = 0V or 3.6V
−10
±2
+10
μA
VOH
High Level Output Voltage
IOH = −9 mA
2.3
3.0
VCC
V
VOL
Low Level Output Voltage
IOL = 9 mA
ROUT, RCLK, LOCK
GND
0.33
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V
−15
−48
−85
mA
PWRDN or REN =
IOZ
TRI-STATE Output Current
0.8V, VOUT = 0V or
ROUT, RCLK
−10
±0.4
+10
μA
VCC
Bus LVDS DC specifications
Differential Threshold High
VTH(2)
+100
mV
Voltage
VCM = +1.1V
Differential Threshold Low
VTL(2)
−100
mV
Voltage
RI+, RI-
VIN = +2.4V, VCC =
−10
±5
+10
μA
3.6V or 0V
IIN
Input Current
VIN = 0V, VCC = 3.6V or
−10
±5
+10
μA
0V
Output Differential Voltage
Figure 19,(3),
VOD
(2)
350
500
550
mV
(DO+) - (DO-)
RL = 100Ω
Output Differential Voltage
ΔVOD
(2)
2
15
mV
Unbalance
VOS
Offset Voltage
1.05
1.2
1.25
V
ΔVOS
Offset Voltage Unbalance
2.7
15
mV
DO = 0V, Din = H,
DO+, DO-
IOS
Output Short Circuit Current
TPWDN and DEN =
-35
-50
-70
mA
2.4V
TPWDN or DEN =
IOZ
TRI-STATE Output Current
0.8V, DO = 0V OR
-10
± 1
10
µA
VDD
VDD = 0V, DO = 0V or
IOX
Power-Off Output Current
-10
± 1
10
µA
3.6V
SER/DES SUPPLY CURRENT (DVDD, PVDD and AVDD pins)
CL = 15pF,
f = 66 MHz, PRBS-15
190
mA
RL = 100 Ω
pattern
Total Supply Current (includes
ICCT
f = 66 MHz, Worst case
load current)
CL = 15 pF,
pattern (Checker-board
220
320
mA
RL = 100 Ω
pattern)
PWRDN = 0.8V, REN
ICCX
Supply Current Powerdown
1.5
3.0
mA
= 0.8V
(1)
Typical values are given for VCC = 3.3V and TA = +25°C.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
(3)
The VOD specification is a measurement of the difference between the single-ended VOH and VOL output voltages across a100 ohm
load. Applying the formula OUT+ - OUT- to the differential outputs will result in a waveform with peak to peak amplitude equal to twice
the datasheet indicated VOD.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS92LV18


Similar Part No. - DS92LV18

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18TVV NSC-DS92LV18TVV Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
More results

Similar Description - DS92LV18

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
Texas Instruments
DS92LV1224 TI1-DS92LV1224_15 Datasheet
1Mb / 23P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com