Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR916Q-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UR916Q-Q1
Description  5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR916Q-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DS90UR916Q-Q1 Datasheet HTML 1Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 2Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 3Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 4Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 5Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 6Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 7Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 8Page - Texas Instruments DS90UR916Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
DS90UR916Q
www.ti.com
SNOSB46E – MARCH 2011 – REVISED APRIL 2013
DS90UR916Q 5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
Check for Samples: DS90UR916Q
1
FEATURES
DESCRIPTION
The DS90UR916Q FPD-Link II deserializer operates
2
5 – 65 MHz PCLK support (140 Mbps – 1.82
with the DS90UR905Q FPD-Link II serializer to
Gbps)
deliver 24-bit digital video data over a single
RGB888 + VS, HS, DE Support
differential pair. The DS90UR916Q provides features
Image Enhancement - White Balance LUTs and
designed to enhance image quality at the display.
The high speed serial bus scheme of FPD-Link II
Adaptive Hi-FRC Dithering
greatly eases system design by eliminating skew
AC Coupled STP Interconnect Cable up to 10
problems between clock and data, reduces the
Meters
number of connector pins, reduces the interconnect
@ Speed Link BIST Mode and Reporting Pin
size, weight, and cost, and overall eases PCB layout.
In addition, internal DC balanced decoding is used to
I2C Compatible Serial Control Bus
support AC-coupled interconnects.
Power Down Mode Minimizes Power
Dissipation
The DS90UR916Q Des (deserializer) recovers the
data (RGB) and control signals and extracts the clock
1.8V or 3.3V Compatible LVCMOS I/O Interface
from the serial stream. The Des locks to the incoming
Automotive Grade Product: AEC-Q100 Grade 2
serial data stream without the use of a training
Qualified
sequence or special SYNC patterns, and does not
>8 kV HBM and ISO 10605 ESD Rating
require a reference clock. A link status (LOCK) output
signal is provided. The DS90UR916Q is ideally suited
FAST Random Ddata Lock; No Reference
for 24-bit color applications. White balance lookup
Clock Required
tables and adaptive Hi-FRC dithering provide the user
Adjustable Input Receiver Equalization
a cost-effective means to enhance display image
LOCK (Real Time Link Status) Reporting Pin
quality.
EMI Minimization on Output Parallel Bus
Serial transmission is optimized with user selectable
(SSCG)
receiver equalization. EMI is minimized by the use of
low voltage differential signaling, output slew control,
Output Slew Control (OS)
and the Des may be configured to generate Spread
Backward Compatible Mode for Operation with
Spectrum Clock and Data on its parallel outputs.
Older Generation Devices
The DS90UR916Qis offered in a 60-pin WQFN
package. It is specified over the automotive AEC-
APPLICATIONS
Q100 grade 2 temperature range of -40°C to +105°C.
Automotive Display for Navigation
Automotive Display for Entertainment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90UR916Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR916Q TI1-DS90UR916Q Datasheet
1Mb / 41P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
DS90UR916QSQ TI1-DS90UR916QSQ Datasheet
1Mb / 41P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
DS90UR916QSQE TI1-DS90UR916QSQE Datasheet
1Mb / 41P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
DS90UR916QSQX TI1-DS90UR916QSQX Datasheet
1Mb / 41P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
More results

Similar Description - DS90UR916Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR916Q TI1-DS90UR916Q Datasheet
1Mb / 41P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II Deserializer with Image Enhancement
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com