Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS91M040 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS91M040
Description  125 MHz Quad M-LVDS Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M040 Datasheet(HTML) 5 Page - Texas Instruments

  DS91M040 Datasheet HTML 1Page - Texas Instruments DS91M040 Datasheet HTML 2Page - Texas Instruments DS91M040 Datasheet HTML 3Page - Texas Instruments DS91M040 Datasheet HTML 4Page - Texas Instruments DS91M040 Datasheet HTML 5Page - Texas Instruments DS91M040 Datasheet HTML 6Page - Texas Instruments DS91M040 Datasheet HTML 7Page - Texas Instruments DS91M040 Datasheet HTML 8Page - Texas Instruments DS91M040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS91M040
www.ti.com
SNLS283M – FEBRUARY 2008 – REVISED APRIL 2013
DC Electrical Characteristics
(1) (2) (3) (4)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
M-LVDS Driver
|VAB|
Differential output voltage magnitude
RL = 50Ω, CL = 5 pF
480
650
mV
ΔVAB
Change in differential output voltage magnitude
Figure 2
−50
0
+50
mV
between logic states
Figure 4
VOS(SS)
Steady-state common-mode output voltage
RL = 50Ω, CL = 5 pF
0.3
1.6
2.1
V
|
ΔVOS(SS)|
Change in steady-state common-mode output voltage Figure 2
0
+50
mV
between logic states
Figure 3
VA(OC)
Maximum steady-state open-circuit output voltage
Figure 5
0
2.4
V
VB(OC)
Maximum steady-state open-circuit output voltage
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output(5)
RL = 50Ω, CL = 5pF,CD = 0.5 pF
1.2VSS
V
Figure 7
VP(L)
Voltage overshoot, high-to-low level output(5)
−0.2V
V
Figure 8
SS
IIH
High-level input current (LVTTL inputs)
VIH = 3.6V
-15
15
μA
IIL
Low-level input current (LVTTL inputs)
VIL = 0.0V
-15
15
μA
VCL
Input Clamp Voltage (LVTTL inputs)
IIN = -18 mA
-1.5
V
IOS
Differential short-circuit output current(6)
Figure 6
-43
43
mA
M-LVDS Receiver
VIT+
Positive-going differential input voltage threshold
See Truth Tables
Type 1
16
50
mV
Type 2
100
150
mV
VIT−
Negative-going differential input voltage threshold
See Truth Tables
Type 1
−50
20
mV
Type 2
50
94
mV
VOH
High-level output voltage (LVTTL output)
IOH = −8mA
2.4
2.7
V
VOL
Low-level output voltage (LVTTL output)
IOL = 8mA
0.28
0.4
V
IOZ
TRI-STATE output current
VO = 0V or 3.6V
−10
10
μA
IOSR
Short-circuit receiver output current (LVTTL output)
VO = 0V
-50
-90
mA
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VDD = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not specified.
(4)
CL includes fixture capacitance and CD includes probe capacitance.
(5)
Specification is ensured by characterization and is not tested in production.
(6)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS91M040


Similar Part No. - DS91M040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
DS91M040TSQ NSC-DS91M040TSQ Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M040TSQ TI-DS91M040TSQ Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
More results

Similar Description - DS91M040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M047 TI1-DS91M047_14 Datasheet
863Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Line Driver
logo
National Semiconductor ...
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
   125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Line Driver
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com