Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS91M040 Datasheet(PDF) 6 Page - Texas Instruments

Part # DS91M040
Description  125 MHz Quad M-LVDS Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M040 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS91M040_16 Datasheet HTML 2Page - Texas Instruments DS91M040_16 Datasheet HTML 3Page - Texas Instruments DS91M040_16 Datasheet HTML 4Page - Texas Instruments DS91M040_16 Datasheet HTML 5Page - Texas Instruments DS91M040_16 Datasheet HTML 6Page - Texas Instruments DS91M040_16 Datasheet HTML 7Page - Texas Instruments DS91M040_16 Datasheet HTML 8Page - Texas Instruments DS91M040_16 Datasheet HTML 9Page - Texas Instruments DS91M040_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS91M040
SNLS283M – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics
(1)(2)(3)(4) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
M-LVDS Bus (Input and Output) Pins
IA
Transceiver input/output current
VA = 3.8V, VB = 1.2V
32
µA
VA = 0V or 2.4V, VB = 1.2V
−20
+20
µA
VA = −1.4V, VB = 1.2V
−32
µA
IB
Transceiver input/output current
VB = 3.8V, VA = 1.2V
32
µA
VB = 0V or 2.4V, VA = 1.2V
−20
+20
µA
VB = −1.4V, VA = 1.2V
−32
µA
IAB
Transceiver input/output differential current (IA − IB)
VA = VB, −1.4V ≤ V ≤ 3.8V
−4
+4
µA
IA(OFF)
Transceiver input/output power-off current
VA = 3.8V, VB = 1.2V,
DE = 0V
32
µA
0V
≤ VDD ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V,
DE = 0V
−20
+20
µA
0V
≤ VDD ≤ 1.5V
VA = −1.4V, VB = 1.2V,
DE = 0V
−32
µA
0V
≤ VDD ≤ 1.5V
IB(OFF)
Transceiver input/output power-off current
VB = 3.8V, VA = 1.2V,
DE = 0V
32
µA
0V
≤ VDD ≤ 1.5V
VB = 0V or 2.4V, VA = 1.2V,
DE = 0V
−20
+20
µA
0V
≤ VDD ≤ 1.5V
VB = −1.4V, VA = 1.2V,
DE = 0V
−32
µA
0V
≤ VDD ≤ 1.5V
IAB(OFF)
Transceiver input/output power-off differential current
VA = VB, −1.4V ≤ V ≤ 3.8V,
(IA(OFF) − IB(OFF))
DE = 0V
−4
+4
µA
0V
≤ VDD ≤ 1.5V
CA
Transceiver input/output capacitance
VDD = OPEN
7.8
pF
CB
Transceiver input/output capacitance
7.8
pF
CAB
Transceiver input/output differential capacitance
3
pF
CA/B
Transceiver input/output capacitance balance (CA/CB)
1
SUPPLY CURRENT (VCC)
ICCD
Driver Supply Current
RL = 50Ω, DE = H, RE = H
67
75
mA
ICCZ
TRI-STATE Supply Current
DE = L, RE = H
22
26
mA
ICCR
Receiver Supply Current
DE = L, RE = L
32
38
mA
ICCPD
Power Down Supply Current
MDE = L
3
5
mA
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS91M040


Similar Part No. - DS91M040_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M040TSQ NSC-DS91M040TSQ Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M040TSQ TI-DS91M040TSQ Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
More results

Similar Description - DS91M040_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M047 TI1-DS91M047_14 Datasheet
863Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Line Driver
logo
National Semiconductor ...
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
   125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Line Driver
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com