Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C180 Datasheet(PDF) 1 Page - Texas Instruments

Part No. DS91C180
Description  100 MHz M-LVDS Line Driver/Receiver Pair
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C180 Datasheet(HTML) 1 Page - Texas Instruments

  DS91C180_13 Datasheet HTML 1Page - Texas Instruments DS91C180_13 Datasheet HTML 2Page - Texas Instruments DS91C180_13 Datasheet HTML 3Page - Texas Instruments DS91C180_13 Datasheet HTML 4Page - Texas Instruments DS91C180_13 Datasheet HTML 5Page - Texas Instruments DS91C180_13 Datasheet HTML 6Page - Texas Instruments DS91C180_13 Datasheet HTML 7Page - Texas Instruments DS91C180_13 Datasheet HTML 8Page - Texas Instruments DS91C180_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CLK1A (8 KHz)
CLK1B (8 KHz)
CLK2A (19.44 MHz)
CLK2B (19.44 MHz)
CLK3A (User Defined up to 100 MHz)
CLK3B (User Defined up to 100 MHz)
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
80W R
T
ATCA Backplane
Slot Card N
Slot Card N+1
MLVDS Drivers/Receivers
MLVDS Drivers/Receivers
DS91C180, DS91D180
www.ti.com
SNLS158M – MARCH 2006 – REVISED APRIL 2013
DS91D180/DS91C180 100 MHz M-LVDS Line Driver/Receiver Pair
Check for Samples: DS91C180, DS91D180
1
FEATURES
DESCRIPTION
The DS91D180 and DS91C180 are 100 MHz M-
2
DC to 100+ MHz / 200+ Mbps Low Power, Low
LVDS (Multipoint Low Voltage Differential Signaling)
EMI Operation
line driver/receiver pairs designed for applications
Optimal for ATCA, uTCA Clock Distribution
that utilize multipoint networks (e.g. clock distribution
Networks
in ATCA and uTCA based systems). M-LVDS is a
bus interface standard (TIA/EIA-899) optimized for
Meets or Exceeds TIA/EIA-899 M-LVDS
multidrop networks. Controlled edge rates, tight input
Standard
receiver thresholds and increased drive strength are
Wide Input Common Mode Voltage for
sone of the key enhancments that make M-LVDS
Increased Noise Immunity
devices an ideal choice for distributing signals via
DS91D180 has Type 1 Receiver Input
multipoint networks.
DS91C180 has Type 2 Receiver Input for Fail-
The
DS91D180/DS91C180
driver
input
accepts
Safe Functionality
LVTTL/LVCMOS
signals
and
converts
them
to
differential
M-LVDS
signal
levels.
The
Industrial Temperature Range
DS91D180/DS91C180 receiver accepts low voltage
Space Saving SOIC-14 Package (JEDEC MS-
differential signals (LVDS, B-LVDS, M-LVDS, LV-
012)
PECL and CML) and converts them to 3V LVCMOS
signals. The DS91D180 device has a M-LVDS type 1
receiver input with no offset.The DS91C180 device
has a type 2 receiver input which enable failsafe
functionality.
Typical Application in an ATCA Clock Distribution Network
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn