Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C180 Datasheet(PDF) 4 Page - Texas Instruments

Part No. DS91C180
Description  100 MHz M-LVDS Line Driver/Receiver Pair
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C180 Datasheet(HTML) 4 Page - Texas Instruments

  DS91C180_13 Datasheet HTML 1Page - Texas Instruments DS91C180_13 Datasheet HTML 2Page - Texas Instruments DS91C180_13 Datasheet HTML 3Page - Texas Instruments DS91C180_13 Datasheet HTML 4Page - Texas Instruments DS91C180_13 Datasheet HTML 5Page - Texas Instruments DS91C180_13 Datasheet HTML 6Page - Texas Instruments DS91C180_13 Datasheet HTML 7Page - Texas Instruments DS91C180_13 Datasheet HTML 8Page - Texas Instruments DS91C180_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS91C180, DS91D180
SNLS158M – MARCH 2006 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)(2)(3)(4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIL
Low-level input current (LVTTL inputs)
VIL = 0.8V
-15
15
μA
VIKL
Input Clamp Voltage (LVTTL inputs)
IIN = -18 mA
-1.5
V
IOS
Differential short-circuit output current
Figure 7
-43
43
mA
M-LVDS Receiver
VIT+
Positive-going differential input voltage threshold
See Function Tables
Type 1
20
50
mV
Type 2
94
150
mV
VIT−
Negative-going differential input voltage threshold
See Function Tables
Type 1
−50
20
mV
Type 2
50
94
mV
VOH
High-level output voltage
IOH = −8mA
2.4
2.7
V
VOL
Low-level output voltage
IOL = 8mA
0.28
0.4
V
IOZ
TRI-STATE output current
VO = 0V or 3.6V
−10
10
μA
IOSR
Short circuit Rrceiver output current (LVTTL Output)
VO = 0V
-90
-48
mA
M-LVDS Bus (Input and Output) Pins
IA, IY
Receiver input or driver high-impedance output
VA,Y = 3.8V, VB,Z = 1.2V,
32
µA
current
DE = GND
VA,Y = 0V or 2.4V, VB,Z = 1.2V, DE
−20
+20
µA
= GND
VA,Y = −1.4V, VB,Z = 1.2V,
−32
µA
DE = GND
IB, IZ
Receiver input or driver high-impedance output
VB,Z = 3.8V, VA,Y = 1.2V,
32
µA
current
DE = GND
VB,Z = 0V or 2.4V, VA,Y = 1.2V, DE
−20
+20
µA
= GND
VB,Z = −1.4V, VA,Y = 1.2V,
−32
µA
DE = GND
IAB, IYZ
Receiver input or driver high-impedance output
VA,Y = VB,Z, −1.4V ≤ V ≤ 3.8V, DE
−4
+4
µA
differential current (IA − IB or IY − IZ)
= GND
IA(OFF),
Receiver input or driver high-impedance output
VA,Y = 3.8V, VB,Z = 1.2V,
IY(OFF)
power-off current
DE = 0V
32
µA
0V
≤ VCC ≤ 1.5V
VA,Y = 0V or 2.4V, VB,Z = 1.2V,
DE = 0V
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VA,Y = −1.4V, VB,Z = 1.2V,
DE = 0V
−32
µA
0V
≤ VCC ≤ 1.5V
IB(OFF),
Receiver input or driver high-impedance output
VB,Z = 3.8V, VA,Y = 1.2V,
IZ(OFF)
power-off current
DE = 0V
32
µA
0V
≤ VCC ≤ 1.5V
VB,Z = 0V or 2.4V, VA,Y = 1.2V,
DE = 0V
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VB,Z = −1.4V, VA,Y = 1.2V,
DE = 0V
−32
µA
0V
≤ VCC ≤ 1.5V
IAB(OFF),
Receiver input or driver high-impedance output
VA,Y = VB,Z, −1.4V ≤ V ≤ 3.8V,
IYZ(OFF)
power-off differential current
DE = 0V
−4
+4
µA
(IA(OFF) − IB(OFF) or IY(OFF) − IZ(OFF))
0V
≤ VCC ≤ 1.5V
CA, CB
Receiver input capacitance
VCC = OPEN
5.1
pF
CY, CZ
Driver output capacitance
8.5
pF
CAB
Receiver input differential capacitance
2.5
pF
CYZ
Driver output differential capacitance
5.5
pF
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS91C180 DS91D180


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn