Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C180 Datasheet(PDF) 2 Page - Texas Instruments

Part No. DS91C180
Description  100 MHz M-LVDS Line Driver/Receiver Pair
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C180 Datasheet(HTML) 2 Page - Texas Instruments

  DS91C180_13 Datasheet HTML 1Page - Texas Instruments DS91C180_13 Datasheet HTML 2Page - Texas Instruments DS91C180_13 Datasheet HTML 3Page - Texas Instruments DS91C180_13 Datasheet HTML 4Page - Texas Instruments DS91C180_13 Datasheet HTML 5Page - Texas Instruments DS91C180_13 Datasheet HTML 6Page - Texas Instruments DS91C180_13 Datasheet HTML 7Page - Texas Instruments DS91C180_13 Datasheet HTML 8Page - Texas Instruments DS91C180_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
xxx
xxx
xxx
High
High
Low
Low
0 V
2.4 V
-2.4 V
50 mV
-50 mV
150 mV
Transition Region
Type 1
Type 2
VID
DS91C180, DS91D180
SNLS158M – MARCH 2006 – REVISED APRIL 2013
www.ti.com
Figure 1. Connection Diagram
Top View
See Package Number D0014A
Logic Diagram
M-LVDS Receiver Types
The EIA/TIA-899 M-LVDS standard specifies two different types of receiver input stages. A type 1 receiver has a
conventional threshold that is centered at the midpoint of the input amplitude, VID/2. A type 2 receiver has a built
in offset that is 100mV greater than VID/2. The type 2 receiver offset acts as a failsafe circuit where open or short
circuits at the input will always result in the output stage being driven to a low logic state.
Figure 2. M-LVDS Receiver Input Thresholds
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS91C180 DS91D180


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn