Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR908Q Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90UR908Q
Description  5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR908Q Datasheet(HTML) 5 Page - Texas Instruments

  DS90UR908Q_14 Datasheet HTML 1Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 2Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 3Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 4Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 5Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 6Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 7Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 8Page - Texas Instruments DS90UR908Q_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DS90UR908Q
www.ti.com
SNLS317H – SEPTEMBER 2009 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage – VDDn (1.8V)
−0.3V to +2.5V
Supply Voltage – VDDTX (3.3V)
−0.3V to +4.0V
Supply Voltage – VDDIO
−0.3V to +4.0V
LVCMOS I/O Voltage
−0.3V to +(VDDIO + 0.3V)
Receiver Input Voltage
−0.3V to (VDD + 0.3V)
LVDS Output Voltage
−0.3V to (VDDTX + 0.3V)
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
48L WQFN Package
Maximum Power Dissipation Capacity at 25°C
Derate about 25°C
1/
θJA°C/W
θJA
27.7 °C/W
θJC
3.0 °C/W
ESD Rating (IEC, powered-up only), RD = 330Ω, CS = 150pFs
Air Discharge (RIN+, RIN−)
≥±15 kV
Contact Discharge (RIN+, RIN−)
≥±8 kV
ESD Rating (ISO10605), RD = 330Ω, CS = 150/330pF
ESD Rating (ISO10605), RD = 2kΩ, CS = 150/330pF
Air Discharge (RIN+, RIN−)
≥±15 kV
Contact Discharge (RIN+, RIN−)
≥±8 kV
ESD Rating (HBM)
≥±8 kV
ESD Rating (HBM)
≥±8 kV
ESD Rating (CDM)
≥±1.25 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
For soldering specifications see product folder at www.ti.com and SNOA549
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Recommended Operating Conditions
Min
Nom
Max
Units
Supply Voltage (VDDn)
1.71
1.8
1.89
V
LVCMOS Supply Voltage (VDDIO) OR
1.71
1.8
1.89
V
LVCMOS Supply Voltage (VDDIO)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
−40
+25
+105
°C
TxCLKOUT Frequency
5
65
MHz
Supply Noise(1)
100
mVP-P
(1)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC coupled to the VDDn (1.8V) supply with
amplitude = 100 mVp-p measured at the device VDDn pins. Bit error rate testing of input to the Ser and output of the Des with 10 meter
cable shows no error when the noise frequency on the Ser is less than 750 kHz. The Des on the other hand shows no error when the
noise frequency is less than 400 kHz.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90UR908Q


Similar Part No. - DS90UR908Q_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR908QSQ NSC-DS90UR908QSQ Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR908QSQE NSC-DS90UR908QSQE Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR908QSQX NSC-DS90UR908QSQX Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
More results

Similar Description - DS90UR908Q_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com