Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH947TRGCRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH947TRGCRQ1
Description  1080p OpenLDI to FPD-Link III Serializer with HDCP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH947TRGCRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UH947TRGCRQ1 Datasheet HTML 3Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 4Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 9Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 10Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
DS90UH947-Q1
www.ti.com
SNLS455 – NOVEMBER 2014
7.5 DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
1.8V LVCMOS I/O
High Level Input
I2CSEL, PDB,
VIH
0.65 * VDDIO
V
Voltage
D_GPIO0/MOSI,
D_GPIO1/MISO,
Low Level Input
VIL
0
0.35 * VDDIO
V
D_GPIO2/SPLK,
Voltage
D_GPIO3/SS,
I2S_DC/GPIO2,
I2S_DD/GPIO3,
I2S_DB/GPIO5_RE
G,
I2S_DA/GPIO6_RE
IIN
Input Current
VIN = 0V or 1.89V
−10
10
μA
G,
I2S_CLK/GPIO8_R
EG,
I2S_WC/GPIO7_R
EG
High Level Output
VOH
IOH = −4mA
0.7 * VDDIO
VDDIO
V
Voltage
Low Level Output
VOL
IOL = +4mA
GND
0.3 * VDDIO
V
Voltage
Same as above
Output Short Circuit
IOS
VOUT = 0V
-30
mA
Current
TRI-STATE™ Output
IOZ
VOUT = 0V or VDDIO, PDB = L
−10
10
μA
Current
OpenLDI INPUTS
Differential Input
|VID|
D[7:0], CLK
100
600
mV
Voltage
Common-Mode
VCM
D[7:0]
0
2.4
V
Voltage
IIN
Input Current
PDB = H
-10
+10
µA
FPD-LINK III DIFFERENTIAL DRIVER
Output Differential
VODp-p
900
1200
mVp-p
Voltage
Output Voltage
ΔVOD
1
50
mV
Unbalance
Output Differential
VOS
550
mV
Offset Voltage
DOUT[1:0]+,
DOUT[1:0]-
Offset Voltage
ΔVOS
1
50
mV
Unbalance
Output Short Circuit
IOS
FPD-Link III Outputs = 0V
-20
mA
Current
Termination
RT
Single-ended
40
50
60
Resistance
SUPPLY CURRENT
IDD11
335
469
mA
Supply Current,
Checkerboard Pattern
Normal Operation
IDD18
50
75
mA
Total
Total Power, Normal
Checkerboard Pattern
459
684
mW
Power
Operation
IDDZ
5
15
mA
Supply Current,
PDB = L
Power Down Mode
IDDZ18
5
15
mA
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90UH947-Q1


Similar Part No. - DS90UH947TRGCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCRQ1 TI1-DS90UH947NTRGCRQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCTQ1 TI1-DS90UH947NTRGCTQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results

Similar Description - DS90UH947TRGCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com