Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH947TRGCRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH947TRGCRQ1
Description  1080p OpenLDI to FPD-Link III Serializer with HDCP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH947TRGCRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DS90UH947TRGCRQ1 Datasheet HTML 1Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 2Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 3Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 4Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH947TRGCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
DS90UH947-Q1
SNLS455 – NOVEMBER 2014
www.ti.com
Pin Functions (continued)
Pin Name
Pin #
I/O, Type
Description
LFOLDI
63
Analog
OpenLDI Loop Filter
Connect to a 10nF capacitor to GND
FPD-Link III Serial Pins
DOUT0-
26
I/O
FPD-Link III Inverting Output 0
The output must be coupled with a 33nF capacitor
DOUT0+
27
I/O
FPD-Link III True Output 0
The output must be coupled with a 33nF capacitor
DOUT1-
22
I/O
FPD-Link III Inverting Output 1
The output must be coupled with a 33nF capacitor
DOUT1+
23
I/O
FPD-Link III True Output 1
The output must be coupled with a 33nF capacitor
LF
20
Analog
FPD-Link III Loop Filter
Connect to a 10nF capacitor to GND
Control Pins
SDA
48
IO, Open-Drain I2C Data Input / Output Interface
Open drain. Must have an external pull-up resistor to 1.8V or 3.3V. DO NOT FLOAT.
Recommended pull-up: 4.7k
Ω.
SCL
47
IO, Open-Drain I2C Clock Input / Output Interface
Open drain. Must have an external pull-up resistor to 1.8V or 3.3V. DO NOT FLOAT.
Recommended pull-up: 4.7k
Ω.
I2CSEL
13
I, LVCMOS
I2C Voltage Level Strap Option
Tie to VDDIO with a 10kΩ resistor for 1.8V I2C operation.
Leave floating for 3.3V I2C operation.
This pin is read as an input at power up.
IDx
19
I, Analog
I2C Address Select
External pull-up to VDD18 is required under all conditions. DO NOT FLOAT.
Connect to external pull-up and pull-down resistors to create a voltage divider.
MODE_SEL0
18
Analog
Mode Select 0 Input. Refer to Table 7.
MODE_SEL1
32
Analog
Mode Select 1 Input. Refer to Table 8.
PDB
31
I, LVCMOS
Power-Down Mode Input Pin
INTB
49
O, Open-Drain Remote interrupt
INTB = H, Normal Operation
INTB = L, Interrupt Request
Recommended pull-up: 4.7k
Ω to VDDIO. DO NOT FLOAT.
REM_INTB
10
O, LVCMOS
LVCMOS Output
REM_INTB will directly mirror the status of the INTB_IN signal from the remote device. No
separate serializer register read will be required to reset and change the status of this pin.
SPI Pins
MOSI
46
IO, LVCMOS
SPI Master Output Slave Input
Only available in Dual Link Mode. Shared with D_GPIO0
MISO
45
IO, LVCMOS
SPI Master Input Slave Output
Only available in Dual Link Mode. Shared with D_GPIO1
SPLK
44
IO, LVCMOS
SPI Clock
Only available in Dual Link Mode. Shared with D_GPIO2
SS
43
IO, LVCMOS
SPI Slave Select
Only available in Dual Link Mode. Shared with D_GPIO3
High Speed GPIO Pins
D_GPIO0
46
IO, LVCMOS
High Speed GPIO0
Only available in Dual Link Mode. Shared with MOSI
D_GPIO1
45
IO, LVCMOS
High Speed GPIO1
Only available in Dual Link Mode. Shared with MISO
D_GPIO2
44
IO, LVCMOS
High Speed GPIO2
Only available in Dual Link Mode. Shared with SPLK
D_GPIO3
43
IO, LVCMOS
High Speed GPIO3
Only available in Dual Link Mode. Shared with SS
GPIO Pins
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DS90UH947-Q1


Similar Part No. - DS90UH947TRGCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCRQ1 TI1-DS90UH947NTRGCRQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCTQ1 TI1-DS90UH947NTRGCTQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results

Similar Description - DS90UH947TRGCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com