Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH947-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH947-Q1
Description  1080p OpenLDI to FPD-Link III Serializer with HDCP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH947-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UH947-Q1 Datasheet HTML 7Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 8Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 9Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 10Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 11Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 12Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 13Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 14Page - Texas Instruments DS90UH947-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
1 UI
1 UI
1 UI
1 UI
1 UI
1 UI
1 UI
1 UI
1 UI
Previous Cycle
Next Cycle
CLK
(Differential)
D[7:0]
(Differential)
tRSP(min)
0V
tHLT
tLHT
(DOUT+) - (DOUT-)
20%
80%
VOD
DOUT+
0V
0V
VOD/2
VOD
Single Ended
Differential
VOS
DOUT-
(DOUT+) - (DOUT-)
|
CLK±
D[7:0]±
100:
DOUT-
DOUT+
D
100 nF
100 nF
SCOPE
BW û 4GHz
Differential probe
Input Impedance û 100 k:
CL ú 0.5 pf
BW û 3.5 GHz
VOD/2
DS90UH947-Q1
www.ti.com
SNLS455 – NOVEMBER 2014
Figure 1. Serializer VOD Output
Figure 2. Output Transition Times
Figure 3. OpenLDI Input Clock and Data Jitter
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90UH947-Q1


Similar Part No. - DS90UH947-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCRQ1 TI1-DS90UH947NTRGCRQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UH947NTRGCTQ1 TI1-DS90UH947NTRGCTQ1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results

Similar Description - DS90UH947-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com