Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH929-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH929-Q1
Description  720p HDMI to FPD-Link III Bridge Serializer with HDCP
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH929-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90UH929-Q1 Datasheet HTML 4Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 5Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 6Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 7Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 8Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 9Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 10Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 11Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
DS90UH929-Q1
SNLS458 – NOVEMBER 2014
www.ti.com
7.4 Thermal Information
VQFN
THERMAL METRIC(1)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
25.8
RθJC(top)
Junction-to-case (top) thermal resistance
11.4
RθJB
Junction-to-board thermal resistance
5.1
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
5.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DS90UH929-Q1


Similar Part No. - DS90UH929-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSJQ1 TI1-DS90UH925ATRHSJQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSRQ1 TI1-DS90UH925ATRHSRQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSTQ1 TI1-DS90UH925ATRHSTQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH929-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com