Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH929-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH929-Q1
Description  720p HDMI to FPD-Link III Bridge Serializer with HDCP
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH929-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  DS90UH929-Q1 Datasheet HTML 1Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 2Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 3Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 4Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 5Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 6Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 7Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 8Page - Texas Instruments DS90UH929-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
DS90UH929-Q1
SNLS458 – NOVEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NO.
CEC
1
IO, Open-
Consumer Electronic Control Channel Input/Output Interface.
Drain
Pull-up with a 27k
Ω resistor to 3.3V
X1
39
I, LVCMOS
Optional Oscillator Input: This pin is the optional reference clock for CEC. It must be
connected to a 25 MHz 0.1% (1000ppm), 45-55% duty cycle clock source at CMOS-level
1.8V. Leave it open if unused.
FPD-LINK III SERIAL
DOUT-
26
O
FPD-Link III Inverting Output
The output must be AC-coupled with a 0.1µF capacitor for interfacing with 92x deserializers
and 33nF capacitor for 94x deserializers
DOUT+
27
O
FPD-Link III True Output
The output must be AC-coupled with a 0.1µF capacitor for interfacing with 92x deserializers
and 33nF capacitor for 94x deserializers
LFT
20
Analog
FPD-Link III Loop Filter
Connect to a 10nF capacitor to GND
CONTROL
SDA
14
IO, Open-
I2C Data Input / Output Interface
Drain
Open drain. Must have an external pull-up to resistor to 1.8V or 3.3V. See I2CSEL pin. DO
NOT FLOAT.
Recommended pull-up: 4.7k
Ω.
SCL
15
IO, Open-
I2C Clock Input / Output Interface
Drain
Open drain. Must have an external pull-up resistor to 1.8V or 3.3V. See I2CSEL pin. DO
NOT FLOAT.
Recommended pull-up: 4.7k
Ω.
I2CSEL
6
I, LVCMOS
I2C Voltage Level Strap Option
Tie to VDDIO with a 10kΩ resistor for 1.8V I2C operation.
Leave floating for 3.3V I2C operation.
This pin is read as an input at power up.
IDx
19
Analog
I2C Serial Control Bus Device ID Address Select
MODE_SEL0
18
Analog
Mode Select 0. See Table 4.
MODE_SEL1
32
Analog
Mode Select 1. See Table 4.
PDB
31
I, LVCMOS
Power-Down Mode Input Pin
INTB
13
O, Open-
Open Drain. Remote interrupt. Active LOW.
Drain
Pull up to VDDIO with a 4.7k
Ω resistor.
REM_INTB
40
O, Open-
Remote interrupt. Mirrors status of INTB_IN from the deserializer.
Drain
Note: External pull-up to 1.8V required. Recommended pull-up: 4.7k
Ω.
INTB = H, Normal Operation
INTB = L, Interrupt Request
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DS90UH929-Q1


Similar Part No. - DS90UH929-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSJQ1 TI1-DS90UH925ATRHSJQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSRQ1 TI1-DS90UH925ATRHSRQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSTQ1 TI1-DS90UH925ATRHSTQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH929-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com