Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH928Q-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH928Q-Q1
Description  5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH928Q-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UH928Q-Q1 Datasheet HTML 3Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 4Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 5Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 6Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 7Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 8Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 9Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 10Page - Texas Instruments DS90UH928Q-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7
DS90UH928Q-Q1
www.ti.com
SNLS440C – MARCH 2013 – REVISED JULY 2016
Product Folder Links: DS90UH928Q-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, see product folder at www.ti.com and SNOA549.
(3)
The DS90UH928Q-Q1VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be
less than 1.5 ms with a monotonic rise.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage – VDD33
(3)
−0.3
4
V
Supply Voltage – VDDIO
(3)
−0.3
4
V
LVCMOS I/O Voltage
−0.3
(VDDIO +
0.3)
V
Deserializer Input Voltage
−0.3
2.75
V
Junction Temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002, all pins(1)
±8000
V
Charged device model (CDM), per AEC Q100-011, all pins
±1250
V
Machine model (MM)
±250
V
(IEC, powered-up only)
RD = 330 Ω, CS = 150 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(ISO10605)
RD = 330 Ω, CS = 150 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(ISO10605)
RD = 2 kΩ, CS = 150 pF or
330 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(1)
The DS90UH928Q-Q1VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be
less than 1.5 ms with a monotonic rise.
(2)
VDDIO should not exceed VDD33 by more than 300 mV (VDDIO < VDD33 + 0.3 V).
(3)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC-coupled to the VDD33 and VDDIO supplies
with amplitude >100 mVp-p measured at the device VDD33 and VDDIO pins. Bit error rate testing of input to the Ser and output of the
Des with 10 meter cable shows no error when the noise frequency on the Ser is less than 50 MHz. The Des on the other hand shows no
error when the noise frequency is less than 50 MHz.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply Voltage (VDD33)
(1)
3
3.3
3.6
V
LVCMOS Supply Voltage (VDDIO)
(1) (2)
Connect VDDIO to 3.3 V and use 3.3 V IOs
3
3.3
3.6
V
Connect VDDIO to 1.8 V and use 1.8 V IOs
1.71
1.8
1.89
V
Operating Free Air
Temperature (TA)
−40
25
105
°C
PCLK Frequency (out of TxCLKOUT±)
5
85
MHz
Supply Noise(3)
100 mVP-P


Similar Part No. - DS90UH928Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSJQ1 TI1-DS90UH925ATRHSJQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSRQ1 TI1-DS90UH925ATRHSRQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925ATRHSTQ1 TI1-DS90UH925ATRHSTQ1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH928Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UH926Q TI1-DS90UH926Q Datasheet
1Mb / 57P
[Old version datasheet]   720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UH926QSQE TI-DS90UH926QSQE Datasheet
1,009Kb / 56P
[Old version datasheet]   DS90UH926Q 720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com