Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH927Q-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH927Q-Q1
Description  5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH927Q-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  DS90UH927Q-Q1 Datasheet HTML 1Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 2Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 3Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 4Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 5Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 6Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 7Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 8Page - Texas Instruments DS90UH927Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
DS90UH927Q-Q1
www.ti.com
SNLS433C – NOVEMBER 2012 – REVISED JANUARY 2015
Pin Functions (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NO.
POWER AND GROUND(1)
GND
DAP
Ground
Large metal contact at the bottom center of the device package Connect to the ground
plane (GND) with at least 9 vias.
VDD33_A
19
Power
Power to on-chip regulator 3.0 V - 3.6 V. Each pin requires a 4.7 µF capacitor to GND
VDD33_B
26
VDDIO
7, 24
Power
LVCMOS I/O Power 1.8 V ±5% OR 3.0 V - 3.6 V. Each pin requires 4.7 µF capacitor to GND
REGULATOR CAPACITOR
CAPP12
12
CAP
Decoupling capacitor connection for on-chip regulator
CAPHS12
14
Each requires a 4.7-µF decoupling capacitor to GND.
CAPLVD12
28
CAPL12
8
CAP
Decoupling capacitor connection for on-chip regulator
Requires two 4.7-µF decoupling capacitors to GND
OTHER
RES[1:0]
15, 13
GND
Reserved
Connect to GND.
(1)
The VDD (VDD33 and VDDIO) supply ramp should be faster than 1.5 ms with a monotonic rise.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage – VDD33
(4)
−0.3
4.0
V
Supply Voltage – VDDIO
(4)
−0.3
4.0
V
LVCMOS I/O Voltage
(VDDIO +
−0.3
0.3)
V
Serializer Output Voltage
−0.3
2.75
V
Junction Temperature
150
°C
Storage Temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, see product folder at www.ti.com and www.ti.com/lit/an/snoa549c/snoa549c.pdf.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The DS90UH927Q-Q1 VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be
less than 1.5 ms with a monotonic rise
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±8000
Charged device model (CDM), per AEC Q100-011
±1250
V
Machine model (MM)
±250
(IEC 61000-4-2, powered-up only)
Air Discharge
RD = 330 Ω, CS = 150 pF
(Pin 16 and 17)
±15000
Electrostatic
V(ESD)
Contact Discharge
discharge
(Pin 16 and 17)
±8000
V
(ISO 10605)
Air Discharge
RD = 330 Ω, CS = 150 pF/330 pF
(Pin 16 and 17)
±15000
RD = 2 kΩ, CS = 150 pF/330 pF
Contact Discharge
(Pin 16 and 17)
±8000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90UH927Q-Q1


Similar Part No. - DS90UH927Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UH927QSQ TI-DS90UH927QSQ Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UH927QSQE TI-DS90UH927QSQE Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UH927QSQX TI-DS90UH927QSQX Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH927Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com