Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH925ATRHSRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH925ATRHSRQ1
Description  720p 24-bit Color FPD-Link III Serializer with HDCP
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH925ATRHSRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90UH925ATRHSRQ1 Datasheet HTML 4Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 9Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 10Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 11Page - Texas Instruments DS90UH925ATRHSRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
DS90UH925AQ-Q1
SNLS481 – JUNE 2014
www.ti.com
7.5 DC Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
LVCMOS I/O DC SPECIFICATIONS
VIH
High Level Input Voltage
VDDIO = 3.0 to 3.6 V
2.0
VDDIO
V
VIL
Low Level Input Voltage
VDDIO = 3.0 to 3.6 V
PDB
GND
0.8
V
IIN
Input Current
VIN = 0 V or VDDIO = 3.0 to 3.6 V
−10
±1
+10
μA
VDDIO = 3.0 to 3.6 V
2.0
VDDIO
V
VIH
High Level Input Voltage
0.65*
VDDIO = 1.71 to 1.89 V
VDDIO
V
VDDIO
R[7:0], G[7:0],
B[7:0], HS, VS,
VDDIO = 3.0 to 3.6 V
GND
0.8
V
DE, PCLK,
VIL
Low Level Input Voltage
0.35*
I2S_CLK,
VDDIO = 1.71 to 1.89 V
GND
V
VDDIO
I2S_WC,
I2S_DA,
VDDIO = 3.0
−10
±1
+10
μA
I2S_DB
to 3.6 V
IIN
Input Current
VIN = 0 V or VDDIO
VDDIO = 1.71
−10
±1
+10
μA
to 1.89 V
VDDIO = 3.0
2.4
VDDIO
V
to 3.6 V
VOH
High Level Output Voltage IOH = −4 mA
VDDIO = 1.71
VDDIO -
VDDIO
V
to 1.89 V
0.45
VDDIO = 3.0
GND
0.4
V
GPIO[3:0],
to 3.6 V
VOL
Low Level Output Voltage
IOL = +4 mA
GPO_REG[7:4],
VDDIO = 1.71
REM_INTB
GND
0.35
V
to 1.89 V
Output Short Circuit
IOS
VOUT = 0 V
−50
mA
Current
TRI-STATE® Output
IOZ
VOUT = 0 V or VDDIO, PDB = L,
−10
+10
μA
Current
FPD-LINK III CML DRIVER DC SPECIFICATIONS
Differential Output Voltage
VODp-p
RL = 100 Ω, Figure 1
1160
1250
1340
mVp-p
(DOUT+) – (DOUT-)
ΔVOD
Output Voltage Unbalance
1
50
mV
2.5-
Offset Voltage – Single-
0.25*VO
VOS
RL = 100 Ω, Figure 1
V
ended
Dp-p
(TYP)
DOUT+, DOUT-
Offset Voltage Unbalance
ΔVOS
1
50
mV
Single-ended
Output Short Circuit
IOS
DOUT+/- = 0 V, PDB = L or H
−38
mA
Current
Internal Termination
RT
40
52
62
Resistor - Single ended
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VDD = 3.3 V, Ta = +25ºC, and at the Recommended Operation Conditions at
the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and
ΔVOD, which are differential voltages.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DS90UH925AQ-Q1


Similar Part No. - DS90UH925ATRHSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQ TI1-DS90UH925QSQ Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQ/NOPB TI1-DS90UH925QSQ/NOPB Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQE TI1-DS90UH925QSQE Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH925ATRHSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
DS90UH926Q TI1-DS90UH926Q Datasheet
1Mb / 57P
[Old version datasheet]   720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UH926QSQE TI-DS90UH926QSQE Datasheet
1,009Kb / 56P
[Old version datasheet]   DS90UH926Q 720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com