Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH925ATRHSJQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH925ATRHSJQ1
Description  720p 24-bit Color FPD-Link III Serializer with HDCP
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH925ATRHSJQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UH925ATRHSJQ1 Datasheet HTML 2Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 3Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 4Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 5Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 6Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 7Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 8Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 9Page - Texas Instruments DS90UH925ATRHSJQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
DS90UH925AQ-Q1
SNLS481 – JUNE 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VDD33
Supply Voltage
–0.3
+4.0
V
VDDIO
Supply Voltage
–0.3
+4.0
V
VDDIO +
LVCMOS I/O Voltage
–0.3
V
0.3
Serializer Output Voltage
–0.3
+2.75
V
TJ
Junction Temperature
+150
°C
For soldering specifications:
see product folder at www.ti.com and www.ti.com/lit/an/snoa549c/snoa549c.pdf
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
48 Lead WQFN Package
-65
+150
°C
Human body model (HBM), per AEC Q100-002(1)
-8
+8
kV
V(ESD)
Electrostatic discharge
Charged device model (CDM), per AEC Q100-011
-1.25
+1.25
Machine Model
-250
+250
V
Air Discharge (DOUT+, DOUT-)
-15
+15
ESD Rating (IEC 61000-4-2)
kV
RD = 330Ω, CS = 150pF
Contact Discharge (DOUT+, DOUT-)
-8
+8
ESD Rating (ISO10605)
Air Discharge (DOUT+, DOUT-)
-15
+15
RD = 330Ω, CS = 150pF
kV
Contact Discharge (DOUT+, DOUT-)
-8
+8
RD = 2KΩ, CS = 150pF or 330pF
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
Supply Voltage (VDD33)
3.0
3.3
3.6
V
LVCMOS Supply Voltage (VDDIO)
3.0
3.3
3.6
V
OR
LVCMOS Supply Voltage (VDDIO)
1.71
1.8
1.89
V
Operating Free Air Temperature (TA)
−40
+25
+105
°C
PCLK Frequency
5
85
MHz
Supply Noise(1)
100
mVP-P
(1)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC coupled to the VDD33 and VDDIOsupplies
with amplitude = 100 mVp-p measured at the device VDD33 and VDDIO pins. Bit error rate testing of input to the Ser and output of the
Des with 10 meter cable shows no error when the noise frequency on the Ser is less than 50 MHz. The Des on the other hand shows no
error when the noise frequency is less than 50 MHz.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DS90UH925AQ-Q1


Similar Part No. - DS90UH925ATRHSJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQ TI1-DS90UH925QSQ Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQ/NOPB TI1-DS90UH925QSQ/NOPB Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925QSQE TI1-DS90UH925QSQE Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results

Similar Description - DS90UH925ATRHSJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
DS90UH926Q TI1-DS90UH926Q Datasheet
1Mb / 57P
[Old version datasheet]   720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UH926QSQE TI-DS90UH926QSQE Datasheet
1,009Kb / 56P
[Old version datasheet]   DS90UH926Q 720p 24-bit Color FPD-Link III Deserializer with HDCP
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com