Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB949-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB949-Q1
Description  1080p HDMI to FPD-Link III Bridge Serializer
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB949-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UB949-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB949-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DS90UB949-Q1
www.ti.com
SNLS452 – NOVEMBER 2014
7.5 DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
1.8V LVCMOS I/O
High Level Input
SCLK/I2CSEL,
VIH
0.65 * VDDIO
V
Voltage
PDB,
D_GPIO0/MOSI,
Low Level Input
VIL
0
0.35 * VDDIO
V
D_GPIO1/MISO,
Voltage
D_GPIO2/SPLK,
D_GPIO3/SS,
SDIN/GPIO0,
SWC/GPIO1,
MCLK
I2S_DC/GPIO2,
I2S_DD/GPIO3,
I2S_DB/GPIO5_RE
IIN
Input Current
VIN = 0V or 1.89V
−10
10
μA
G,
I2S_DA/GPIO6_RE
G,
I2S_CLK/GPIO8_R
EG,
I2S_WC/GPIO7_R
EG
High Level Output
VOH
IOH = −4mA
0.7 * VDDIO
VDDIO
V
Voltage
Low Level Output
VOL
IOL = +4mA
GND
0.26 * VDDIO
V
Voltage
Same as above
Output Short Circuit
IOS
VOUT = 0V
-50
mA
Current
TRI-STATE™ Output
IOZ
VOUT = 0V or VDDIO, PDB = L
−10
10
μA
Current
TMDS INPUTS -- FROM HDMI v1.4b SECTION 4.2.5
Input Common-Mode
IN_D[2:0]+,
VICM1
VTERM - 400
VTERM - 37.5
mV
Voltage
IN_D[2:0]-
Input Common-Mode
IN_CLK+, IN_CLK-
VICM2
IN_CLK
≤ 170MHz
VTERM - 10
VTERM + 10
mV
Voltage
VTERM = 1.8V (+,-
5%) or VTERM =
Input Differential
VIDIFF
150
1200
mVP-P
3.3V (+,- 5%)
Voltage Level
IN_D[2:0]+,
Termination
RTMDS
Differential
IN_D[2:0]-
90
100
110
Ω
Resistance
IN_CLK+, IN_CLK-
HDMI IO -- FROM HDMI v1.4b SECTION 4.2.7 to 4.2.9
4.8
5.3
V
VRX_5V
+5V Power Signal
RX_5V
50
mA
I5V_Sink
+5V Input Current
High Level Output
VOH,HPD
IOH = -4mA
2.4
5.3
V
Voltage, HPD
HPD, RPU = 1 kΩ
Low Level Output
VOL,HPD
IOL = +4mA
GND
0.4
V
Voltage, HPD
Power-Down Input
IIZ,HPD
PDB = L
-10
10
uA
Current, HPD
Low Level Input
VIL,DDC
0.3*VDD,DDC
V
Voltage, DDC
High Level Input
DDC_SCL,
VIH,DDC
0.7*VDD,DDC
V
Voltage, DDC
DDC_SDA
Power-Down Input
IIZ,DDC
PDB = L
-10
10
µA
Current, DDC
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90UB949-Q1


Similar Part No. - DS90UB949-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
DS90UB949ATRGCRQ1 TI1-DS90UB949ATRGCRQ1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
DS90UB949ATRGCTQ1 TI1-DS90UB949ATRGCTQ1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
More results

Similar Description - DS90UB949-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com