Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB926Q-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB926Q-Q1
Description  5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB926Q-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UB926Q-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB926Q-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
DS90UB925Q-Q1
www.ti.com
SNLS407D – APRIL 2012 – REVISED OCTOBER 2014
DC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
FPD-LINK III CML DRIVER DC SPECIFICATIONS
Differential Output
RL = 100Ω,
VODp-p
Voltage
1160
1250
1340
mVp-p
See Figure 1
(DOUT+) – (DOUT-)
Output Voltage
ΔVOD
1
50
mV
Unbalance
2.5-
Offset Voltage –
RL = 100Ω,
VOS
0.25*VODp-p
V
Single-ended
See Figure 1
(TYP)
DOUT+, DOUT-
Offset Voltage
ΔVOS
Unbalance
1
50
mV
Single-ended
Output Short Circuit
IOS
DOUT+/- = 0V, PDB = L or H
−38
mA
Current
Internal Termination
RT
Resistor - Single
40
52
62
ended
SERIAL CONTROL BUS
0.7*
VIH
Input High Level
SDA and SCL
VDD33
V
VDD33
Input Low Level
0.3*
VIL
SDA and SCL
GND
V
Voltage
VDD33
VHY
Input Hysteresis
>50
mV
VOL
SDA, IOL = 1.25 mA
0
0.36
V
Iin
SDA or SCL, VIN = VDD33 or GND
-10
10
µA
Cin
Input Capacitance
SDA or SCL
<5
pF
SUPPLY CURRENT
IDD1
VDD33= 3.6V
VDD33
148
170
mA
Supply Current
Checker Board
(includes load current)
Pattern,
VDDIO = 3.6V
90
180
μA
IDDIO1
VDDIO
RL = 100Ω, f = 85MHz
See Figure 2
VDDIO = 1.89V
1
1.6
mA
IDDS1
VDD33 = 3.6V
VDD33
1.2
2.4
mA
Supply Current
0x01[7] = 1,
Remote Auto Power
deserializer is
VDDIO = 3.6V
65
150
μA
IDDIOS1
VDDIO
Down Mode
powered down
VDDIO = 1.89V
55
150
μA
IDDS2
VDD33 = 3.6V
VDD33
1
2
mA
PDB = L, All
Supply Current Power
LVCMOS inputs
VDDIO = 3.6V
65
150
μA
Down
are floating or
IDDIOS2
VDDIO
tied to GND
VDDIO = 1.89V
50
150
μA
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90UB925Q-Q1


Similar Part No. - DS90UB926Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB926Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com