Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB925Q-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB925Q-Q1
Description  5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB925Q-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90UB925Q-Q1 Datasheet HTML 4Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB925Q-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
DS90UB925Q-Q1
SNLS407D – APRIL 2012 – REVISED OCTOBER 2014
www.ti.com
6.4 Thermal Information
WQFN
THERMAL METRIC(1)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
35
RθJC(top)
Junction-to-case (top) thermal resistance
5.2
RθJB
Junction-to-board thermal resistance
5.5
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
5.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
LVCMOS I/O DC SPECIFICATIONS
High Level Input
VIH
VDDIO = 3.0 to 3.6V
2.0
VDDIO
V
Voltage
Low Level Input
PDB
VIL
VDDIO = 3.0 to 3.6V
GND
0.8
V
Voltage
IIN
Input Current
VIN = 0V or VDDIO = 3.0 to 3.6V
−10
±1
+10
μA
VDDIO = 3.0 to 3.6V
2.0
VDDIO
V
High Level Input
VIH
0.65*
Voltage
VDDIO = 1.71 to 1.89V
VDDIO
V
VDDIO
DIN[23:0], HS,
VDDIO = 3.0 to 3.6V
GND
0.8
V
Low Level Input
VS, DE, PCLK,
VIL
0.35*
Voltage
I2S_CLK,
VDDIO = 1.71 to 1.89V
GND
V
VDDIO
I2S_WC,
I2S_DA, I2S_DB
VDDIO = 3.0
−10
±1
+10
μA
to 3.6V
VIN = 0V or
IIN
Input Current
VDDIO
VDDIO = 1.71
−10
±1
+10
μA
to 1.89V
VDDIO = 3.0 to
2.4
VDDIO
V
3.6V
High Level Output
VOH
IOH = −4mA
Voltage
VDDIO = 1.71
VDDIO - 0.45
VDDIO
V
to 1.89V
VDDIO = 3.0 to
GND
0.4
V
3.6V
Low Level Output
GPIO[3:0],
VOL
IOL = +4mA
Voltage
GPO_REG[8:4]
VDDIO = 1.71
GND
0.35
V
to 1.89V
Output Short Circuit
IOS
VOUT = 0V
−50
mA
Current
TRI-STATE® Output
IOZ
VOUT = 0V or VDDIO, PDB = L,
−10
+10
μA
Current
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VDD = 3.3 V, TA = +25 °C, and at the Recommended Operating Conditions at
the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and ΔVOD, which are differential voltages.
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: DS90UB925Q-Q1


Similar Part No. - DS90UB925Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925QSQ TI1-DS90UB925QSQ Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925QSQE TI1-DS90UB925QSQE Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925QSQX TI1-DS90UB925QSQX Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
More results

Similar Description - DS90UB925Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com