Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB924-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB924-Q1
Description  5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB924-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UB924-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB924-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
DS90UB924-Q1
www.ti.com
SNLS512 – APRIL 2016
Product Folder Links: DS90UB924-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VDD33 = 3.3 V, VDDIO = 1.8 V or 3.3 V, TA = 25°C, and at the Recommended
Operating Conditions at the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and ΔVOD, which are differential voltages.
(4)
Specification is ensured by design and is not tested in production.
(5)
I2S specifications for tLC and tHC pulses must each be greater than 2 PCLK period to ensure sampling and supersedes the 0.35*TI2S_CLK
requirement. tLC and tHC must be longer than the greater of either 0.35*TI2S_CLK or 2*PCLK.
6.6 AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
GPIO
tGPIO,FC
GPIO Pulse Width, Forward
Channel
See (4)
GPIO[3:0],
PCLK =
5MHz to
96MHz
2/PCLK
s
tGPIO,BC
GPIO Pulse Width, Back Channel
See (4)
GPIO[3:0]
20
µs
RESET
tLRST
PDB Reset Low Pulse
See (4)
PDB
2
ms
LOOP-THROUGH MONITOR OUTPUT
EW
Differential Output Eye Opening
Width(4)
RL = 100 Ω, Jitter freq > f/40
CMLOUTP,
CMLOUTN
0.4
UI
EH
Differential Output Eye Height
300
mV
FPD-LINK (OpenLDI) LVDS OUTPUT
tTLHT
Low -to-High Transition Time
RL = 100 Ω
TxCLK±,
TxOUT[3:0]±
0.25
0.5
ns
tTHLT
High-to-Low Transition Time
0.25
0.5
ns
tDCCJ
Cycle-to-Cycle Output Jitter
5 MHz
≤ PCLK ≤ 96 MHz
TxCLK±
40
65
ps
tTTPn
Transmitter Pulse Position
5 MHz
≤ PCLK ≤ 96 MHz
n=[6:0] for bits [6:0]
See Figure 13
TxOUT[3:0]±
0.5 + n
UI
ΔtTTP
Offset Transmitter Pulse Position
(bit 6 - bit 0)
PCLK = 96 MHz
0.1
UI
tDD
Delay Latency
147*T
T
tTPDD
Power Down Delay Active to OFF
900
µs
tTXZR
Enable Delay OFF to Active
6
ns
FPD-LINK III INPUT
tDDLT
Lock Time (4)
5 MHz
≤ PCLK ≤ 96 MHz
RIN±, LOCK
6
40
ms
LVCMOS OUTPUTS
tCLH
Low-to-High Transition Time
CL = 8 pF
LOCK, PASS
3
7
ns
tCHL
High-to-Low Transition Time
2
5
ns
BIST MODE
tPASS
BIST PASS Valid Time
PASS
800
ns
I2S TRANSMITTER
tJ
Clock Output Jitter
MCLK
2
ns
TI2S
I2S Clock Period
Figure 10, (4) (5)
PCLK=5 MHz to 96 MHz
I2S_CLK,
PCLK =
5MHz to
96MHz
4/PCLK
or
1/12.288
MHz
ns
THC_I2S
I2S Clock High Time Figure 10, (5)
I2S_CLK
0.35
TI2S
TLC_I2S
I2S Clock Low Time Figure 10, (5)
I2S_CLK
0.35
TI2S
tSR_I2S
I2S Set-up Time Figure 10,
I2S_WC
I2S_D[A:D]
0.2
TI2S
tHR_I2S
I2S Hold Time Figure 10
I2S_WC
I2S_D[A:D]
0.2
TI2S


Similar Part No. - DS90UB924-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
More results

Similar Description - DS90UB924-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com