Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB913ATRTVJQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB913ATRTVJQ1
Description  25-MHz to 100-MHz 10/12-Bit FPD-Link III Serializer
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB913ATRTVJQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UB913ATRTVJQ1 Datasheet HTML 3Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 4Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 5Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 6Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 7Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 8Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 9Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 10Page - Texas Instruments DS90UB913ATRTVJQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
DS90UB913A-Q1
www.ti.com
SNLS443C – MAY 2013 – REVISED APRIL 2016
Product Folder Links: DS90UB913A-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
DS90UB913A-Q1
UNIT
RTV (WQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
34.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
8.8
RθJB
Junction-to-board thermal resistance
23.4
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
8.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.4
(1)
The Electrical Characteristics tables list verified specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
verified.
(2)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and
ΔVOD which are differential voltages.
(3)
Typical values represent most likely parametric norms at 1.8 V or 3.3 V, TA = 25°C, and at the Recommended Operation Conditions at
the time of product characterization and are not verified.
7.5 Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS DC SPECIFICATIONS 3.3V I/O (SER INPUTS, GPIO, CONTROL INPUTS AND OUTPUTS)
VIH
High Level Input Voltage
VIN = 3 V to 3.6 V
2
VIN
V
VIL
Low Level Input Voltage
VIN = 3 V to 3.6 V
GND
0.8
V
IIN
Input Current
VIN = 0 V or 3.6 V, VIN = 3 V to 3.6 V
–20
±1
20
µA
VOH
High Level Output Voltage
VDDIO = 3 V to 3.6 V, IOH = −4 mA
2.4
VDDIO
V
VOL
Low Level Output Voltage
VDDIO = 3 V to 3.6 V, IOL = 4 mA
GND
0.4
V
IOS
Output Short Circuit
Current
VOUT = 0 V
Serializer
GPO Outputs
–15
mA
IOZ
TRI-STATE Output
Current
PDB = 0 V,
VOUT = 0 V or VDD
Serializer
GPO Outputs
–20
20
µA
CGPO
Pin Capacitance
GPO [3:0]
1.5
pF
LVCMOS DC SPECIFICATIONS 1.8V I/O (SER INPUTS, GPIO, CONTROL INPUTS AND OUTPUTS)
VIH
High Level Input Voltage
VIN = 1.71 V to 1.89 V
0.65 VIN
VIN
V
VIL
Low Level Input Voltage
VIN = 1.71 V to 1.89 V
GND
0.35 VIN
IIN
Input Current
VIN = 0 V or 1.89 V, VIN = 1.71 V to 1.89 V
–20
±1
20
µA
VOH
High Level Output Voltage
VDDIO = 1.71 V to 1.89 V, IOH = −4 mA
VDDIO - 0.45
VDDIO
V
VOL
Low Level Output Voltage
VDDIO = 1.71 V to 1.89 V IOL = 4 mA
GND
0.45
V
IOS
Output Short Circuit
Current
VOUT = 0 V
Serializer
GPO Outputs
–11
mA
IOZ
TRI-STATE Output
Current
PDB = 0 V,
VOUT = 0 V or VDD
Serializer
GPO Outputs
-20
20
µA
CGPO
Pin Capacitance
GPO [3:0]
1.5
pF


Similar Part No. - DS90UB913ATRTVJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB913ATRTVJQ1 TI-DS90UB913ATRTVJQ1 Datasheet
1Mb / 68P
[Old version datasheet]   DS90UB913A-Q1/DS90UB914A-Q1 25 to100 MHz 10/12-Bit
More results

Similar Description - DS90UB913ATRTVJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB914A-Q1 TI1-DS90UB914A-Q1 Datasheet
1Mb / 61P
[Old version datasheet]   25-MHz to 100-MHz 10/12-Bit FPD-Link III Deserializer
DS90UB934-Q1 TI1-DS90UB934-Q1 Datasheet
132Kb / 6P
[Old version datasheet]   12-bit 100 MHz FPD-Link III Deserializer
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB633A-Q1 TI-DS90UB633A-Q1 Datasheet
2Mb / 56P
[Old version datasheet]   DS90UB633A-Q1 FPD-Link III Serializer for 1-MP/60-fps Cameras 10/12 Bits,100 MHz
DS90UB633A-Q1 TI-DS90UB633A-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DS90UB633A-Q1 FPD-Link III Serializer for 1-MP/60-fps Cameras 10/12 Bits,100 MHz
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com