Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB913A-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB913A-Q1
Description  25-MHz to 100-MHz 10/12-Bit FPD-Link III Serializer
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB913A-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UB913A-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 13Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 14Page - Texas Instruments DS90UB913A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
DS90UB913A-Q1
www.ti.com
SNLS443C – MAY 2013 – REVISED APRIL 2016
Product Folder Links: DS90UB913A-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.7 AC Timing Specifications (SCL, SDA) - I2C-Compatible
Over recommended supply and temperature ranges unless otherwise specified. (Figure 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
RECOMMENDED INPUT TIMING REQUIREMENTS
fSCL
SCL Clock Frequency
Standard Mode
100
kHz
Fast Mode
400
kHz
tLOW
SCL Low Period
Standard Mode
4.7
µs
Fast Mode
1.3
µs
tHIGH
SCL High Period
Standard Mode
4.0
µs
Fast Mode
0.6
µs
tHD:STA
Hold time for a start or a repeated start
condition
Standard Mode
4.0
µs
Fast Mode
0.6
µs
tSU:STA
Set Up time for a start or a repeated
start condition
Standard Mode
4.7
µs
Fast Mode
0.6
µs
tHD:DAT
Data Hold Time
Standard Mode
0
3.45
µs
Fast Mode
0
900
ns
tSU:DAT
Data Set Up Time
Standard Mode
250
ns
Fast Mode
100
ns
tSU:STO
Set Up Time for STOP Condition
Standard Mode
4.0
µs
Fast Mode
0.6
µs
tBUF
Bus Free time between Stop and Start
Standard Mode
4.7
µs
Fast Mode
1.3
µs
tr
SCL & SDA Rise Time
Standard Mode
1000
ns
Fast Mode
300
ns
tf
SCL & SDA Fall Time
Standard Mode
300
ns
Fast Mode
300
ns
(1)
Specification is verified by design.
(2)
FPD-Link device was designed primarily for point-to-point operation and a small number of attached slave devices. As such the
Minimum IOL pullup current is targeted to lower value than the minimum IOL in the I2C specification.
7.8
Bidirectional Control Bus DC Timing Specifications (SCL, SDA) - I2C-Compatible
(1)
Over recommended supply and temperature ranges unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
RECOMMENDED INPUT TIMING REQUIREMENTS
VIH
Input High Level
SDA and SCL
0.7*VDDIO
VDDIO
V
VIL
Input Low Level
SDA and SCL
GND
0.3*VDDIO
V
VHY
Input Hysteresis
>50
mV
VOL
Output Low Level(2)
SDA, VDDIO = 1.8V, IOL= 0.9 mA
0
0.36
V
SDA, VDDIO = 3.3V, IOL= 1.6 mA
0
0.4
IIN
Input Current
SDA or SCL, VIN= VDDIO OR GND
−10
10
µA
tR
SDA Rise Time-READ
SDA, RPU = 10 k
Ω, Cb ≤ 400 pF
(Figure 1)
430
ns
tF
SDA Fall Time-READ
20
ns
tSU;DAT
(See Figure 1)
560
ns
tHD;DAT
(See Figure 1)
615
ns
CIN
SDA or SCL
<5
pF


Similar Part No. - DS90UB913A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB913ATRTVJQ1 TI-DS90UB913ATRTVJQ1 Datasheet
1Mb / 68P
[Old version datasheet]   DS90UB913A-Q1/DS90UB914A-Q1 25 to100 MHz 10/12-Bit
DS90UB913ATRTVRQ1 TI-DS90UB913ATRTVRQ1 Datasheet
1Mb / 68P
[Old version datasheet]   DS90UB913A-Q1/DS90UB914A-Q1 25 to100 MHz 10/12-Bit
DS90UB913ATRTVTQ1 TI-DS90UB913ATRTVTQ1 Datasheet
1Mb / 68P
[Old version datasheet]   DS90UB913A-Q1/DS90UB914A-Q1 25 to100 MHz 10/12-Bit
More results

Similar Description - DS90UB913A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB914A-Q1 TI1-DS90UB914A-Q1 Datasheet
1Mb / 61P
[Old version datasheet]   25-MHz to 100-MHz 10/12-Bit FPD-Link III Deserializer
DS90UB934-Q1 TI1-DS90UB934-Q1 Datasheet
132Kb / 6P
[Old version datasheet]   12-bit 100 MHz FPD-Link III Deserializer
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB633A-Q1 TI-DS90UB633A-Q1 Datasheet
2Mb / 56P
[Old version datasheet]   DS90UB633A-Q1 FPD-Link III Serializer for 1-MP/60-fps Cameras 10/12 Bits,100 MHz
DS90UB633A-Q1 TI-DS90UB633A-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DS90UB633A-Q1 FPD-Link III Serializer for 1-MP/60-fps Cameras 10/12 Bits,100 MHz
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com