Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB902Q Datasheet(PDF) 7 Page - Texas Instruments

Part # DS90UB902Q
Description  10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB902Q Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UB902Q Datasheet HTML 3Page - Texas Instruments DS90UB902Q Datasheet HTML 4Page - Texas Instruments DS90UB902Q Datasheet HTML 5Page - Texas Instruments DS90UB902Q Datasheet HTML 6Page - Texas Instruments DS90UB902Q Datasheet HTML 7Page - Texas Instruments DS90UB902Q Datasheet HTML 8Page - Texas Instruments DS90UB902Q Datasheet HTML 9Page - Texas Instruments DS90UB902Q Datasheet HTML 10Page - Texas Instruments DS90UB902Q Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
DS90UB901Q, DS90UB902Q
www.ti.com
SNLS322E – JUNE 2010 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage – VDDn (1.8V)
−0.3V to +2.5V
Supply Voltage – VDDIO
−0.3V to +4.0V
LVCMOS Input Voltage I/O Voltage
−0.3V to + (VDDIO + 0.3V)
CML Driver I/O Voltage (VDD)
−0.3V to +(VDD + 0.3V)
CML Receiver I/O Voltage (VDD)
−0.3V to (VDD + 0.3V)
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Maximum Package Power Dissipation Capacity Package
1/
θJA °C/W above +25°
Package Derating:
θJA(based on 9 thermal vias)
34.3 °C/W
DS90UB901Q 32 Lead WQFN
θJC(based on 9 thermal vias)
6.9 °C/W
θJA(based on 16 thermal vias)
28.0 °C/W
DS90UB902Q 40 Lead WQFN
θJC(based on 16 thermal vias)
4.4 °C/W
ESD Rating (IEC 61000-4-2)
RD = 330Ω, CS = 150pF
Air Discharge (DOUT+, DOUT-, RIN+, RIN-)
≥±25 kV
Contact Discharge (DOUT+, DOUT-, RIN+, RIN-)
≥±10 kV
ESD Rating (ISO10605)
RD = 330Ω, CS = 150/330pF
ESD Rating (ISO10605)
RD = 2KΩ, CS = 150/330pF
Air Discharge (DOUT+, DOUT-, RIN+, RIN-)
≥±15 kV
Contact Discharge (DOUT+, DOUT-, RIN+, RIN-)
≥±10 kV
ESD Rating (HBM)
≥±8 kV
ESD Rating (CDM)
≥±1 kV
ESD Rating (MM)
≥±250 V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional; the device should not be operated beyond such conditions.
(2)
For soldering specifications see product folder at www.ti.com
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Recommended Operating Conditions
(1)
Min
Nom
Max
Units
Supply Voltage (VDDn)
1.71
1.8
1.89
V
LVCMOS Supply Voltage (VDDIO)
1.71
1.8
1.89
V
OR
LVCMOS Supply Voltage (VDDIO)
3.0
3.3
3.6
V
VDDn (1.8V)
25
mVp-p
Supply Noise
VDDIO (1.8V)
25
mVp-p
VDDIO (3.3V)
50
mVp-p
Operating Free Air Temperature (TA)
-40
+25
+105
°C
PCLK Clock Frequency
10
43
MHz
(1)
Supply noise testing was done with minimum capacitors (as shown on Figure 39 and Figure 40) on the PCB. A sinusoidal signal is AC
coupled to the VDDn (1.8V) supply with amplitude = 25 mVp-p measured at the device VDDn pins. Bit error rate testing of input to the
Ser and output of the Des with 10 meter cable shows no error when the noise frequency on the Ser is less than 1 MHz. The Des on the
other hand shows no error when the noise frequency is less than 750 kHz.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90UB901Q DS90UB902Q


Similar Part No. - DS90UB902Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB902QSQ TI1-DS90UB902QSQ Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB902QSQE TI1-DS90UB902QSQE Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB902QSQX TI1-DS90UB902QSQX Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB902Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com