Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB901Q Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90UB901Q
Description  10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB901Q Datasheet(HTML) 4 Page - Texas Instruments

  DS90UB901Q Datasheet HTML 1Page - Texas Instruments DS90UB901Q Datasheet HTML 2Page - Texas Instruments DS90UB901Q Datasheet HTML 3Page - Texas Instruments DS90UB901Q Datasheet HTML 4Page - Texas Instruments DS90UB901Q Datasheet HTML 5Page - Texas Instruments DS90UB901Q Datasheet HTML 6Page - Texas Instruments DS90UB901Q Datasheet HTML 7Page - Texas Instruments DS90UB901Q Datasheet HTML 8Page - Texas Instruments DS90UB901Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DS90UB901Q, DS90UB902Q
SNLS322E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
DS90UB901Q SERIALIZER PIN DESCRIPTIONS (continued)
Pin Name
Pin No.
I/O, Type
Description
Input/Output,
Data line for the bidirectional control bus communication
SDA
5
Open Drain
SDA requires an external pull-up resistor to VDDIO.
I2C Mode select
MODE = L, Master mode (default); Device generates and drives the SCL clock line.
Device is connected to slave peripheral on the bus. (Serializer initially starts up in
Input, LVCMOS
MODE
8
Standby mode and is enabled through remote wakeup by Deserializer)
w/ pull down
MODE = H, Slave mode; Device accepts SCL clock input and attached to an I2C
controller master on the bus. Slave mode does not generate the SCL clock, but uses
the clock generated by the Master for the data transfers.
Device ID Address Select
ID[x]
6
Input, analog
Resistor to Ground and 10 k
Ω pull-up to 1.8V rail. See Table 3
CONTROL AND CONFIGURATION
Power down Mode Input Pin.
PDB = H, Serializer is enabled and is ON.
Input, LVCMOS
PDB
9
PDB = L, Serailizer is in Power Down mode. When the Serializer is in Power Down,
w/ pull down
the PLL is shutdown, and IDD is minimized. Programmed control register data are
NOT retained and reset to default values
Input, LVCMOS
Reserved.
RES
7
w/ pull down
This pin MUST be tied LOW.
FPD-LINK III INTERFACE
Input/Output,
Non-inverting differential output, bidirectional control channel input. The interconnect
DOUT+
13
CML
must be AC Coupled with a 100 nF capacitor.
DOUT-
12
Input/Output,
Inverting differential output, bidirectional control channel input. The interconnect must
CML
be AC Coupled with a 100 nF capacitor.
POWER AND GROUND
VDDPLL
10
Power, Analog
PLL Power, 1.8V ±5%
VDDT
11
Power, Analog
Tx Analog Power, 1.8V ±5%
VDDCML
14
Power, Analog
CML & Bidirectional Channel Driver Power, 1.8V ±5%
VDDD
28
Power, Digital
Digital Power, 1.8V ±5%
Power, Digital
Power for I/O stage. The single-ended inputs and SDA, SCL are powered from VDDIO.
VDDIO
25
VDDIO can be connected to a 1.8V ±5% or 3.3V ±10%
Ground, DAP
DAP must be grounded. DAP is the large metal contact at the bottom side, located at
VSS
DAP
the center of the WQFN package. Connected to the ground plane (GND) with at least
9 vias.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS90UB901Q DS90UB902Q


Similar Part No. - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQ TI1-DS90UB901QSQ Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQE TI1-DS90UB901QSQE Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQX TI1-DS90UB901QSQX Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com