Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV804TSQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV804TSQ
Description  4-Channel 800 Mbps LVDS Buffer/Repeater
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV804TSQ Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV804TSQ Datasheet HTML 1Page - Texas Instruments DS90LV804TSQ Datasheet HTML 2Page - Texas Instruments DS90LV804TSQ Datasheet HTML 3Page - Texas Instruments DS90LV804TSQ Datasheet HTML 4Page - Texas Instruments DS90LV804TSQ Datasheet HTML 5Page - Texas Instruments DS90LV804TSQ Datasheet HTML 6Page - Texas Instruments DS90LV804TSQ Datasheet HTML 7Page - Texas Instruments DS90LV804TSQ Datasheet HTML 8Page - Texas Instruments DS90LV804TSQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EN
OUT0+
OUT0-
IN0-
IN0+
OUT1+
OUT1-
IN1-
IN1+
OUT2+
OUT2-
IN2-
IN2+
OUT3+
OUT3-
IN3-
IN3+
DS90LV804
www.ti.com
SNLS195L – SEPTEMBER 2005 – REVISED APRIL 2013
DS90LV804 4-Channel 800 Mbps LVDS Buffer/Repeater
Check for Samples: DS90LV804
In order to maximize signal integrity, the DS90LV804
1
FEATURES
features both an internal input and output (source)
23
800 Mbps Data Rate per Channel
termination to eliminate these extra components from
Low Output Skew and Jitter
the board, and to also place the terminations as close
as possible to receiver inputs and driver output. This
LVDS/CML/LVPECL Compatible Input, LVDS
is especially significant when driving longer cables.
Output
The DS90LV804, available in the WQFN (Leadless
On-Chip 100
Ω Input and Output Termination
Leadframe
Package)
package,
minimizes
the
12 kV ESD Protection on LVDS Outputs
footprint, and improves system performance.
Single 3.3V Supply
An output enable pin is provided, which allows the
Very Low Power Consumption
user to place the LVDS outputs and internal biasing
Industrial -40 to +85°C Temperature Range
generators in a TRI-STATE®, low power mode.
Small WQFN Package Footprint
The differential inputs interface to LVDS, and Bus
LVDS signals such as those on TI's 10-, 16-, and 18-
DESCRIPTION
bit Bus LVDS SerDes, as well as CML and LVPECL.
The DS90LV804 is a four channel 800 Mbps LVDS
The differential inputs are internally terminated with a
buffer/repeater. In many large systems, signals are
100
Ω resistor to improve performance and minimize
distributed across cables and signal integrity is highly
board space. This function is especially useful for
dependent on the data rate, cable type, length, and
boosting signals over lossy cables or point-to-point
the termination scheme.
backplane configurations.
Block and Connection Diagrams
Figure 1. DS90LV804 Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV804TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQX NSC-DS90LV804TSQX Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
More results

Similar Description - DS90LV804TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_14 Datasheet
1Mb / 22P
[Old version datasheet]   800 Mbps LVDS Buffer
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV001 800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com