Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB901Q Datasheet(PDF) 11 Page - Texas Instruments

Part # DS90UB901Q
Description  10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB901Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UB901Q_15 Datasheet HTML 7Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 8Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 9Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 10Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 11Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 12Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 13Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 14Page - Texas Instruments DS90UB901Q_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DS90UB901Q, DS90UB902Q
www.ti.com
SNLS322E – JUNE 2010 – REVISED APRIL 2013
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver Output Clock Period
tRCP = tTCP
PCLK
23.3
T
100
ns
tPDC
Default Registers
PCLK Duty Cycle
PCLK
45
50
55
%
SSCG[3:0] = OFF
LVCMOS Low-to-High Transition
VDDIO: 1.71V to 1.89V or
tCLH
1.3
2.0
2.8
Time
3.0V to 3.6V,
CL = 8 pF (lumped load)
PCLK
ns
tCHL
LVCMOS High-to-Low Transition
Default Registers
1.3
2.0
2.8
Time
(Figure 16)(1)
LVCMOS Low-to-High Transition
VDDIO: 1.71V to 1.89V or
tCLH
1.6
2.4
3.3
Time
3.0V to 3.6V,
ROUT[13:0],
CL = 8 pF (lumped load)
ns
tCHL
HSYNC, VSYNC
LVCMOS High-to-Low Transition
Default Registers
1.6
2.4
3.3
Time
(Figure 16)(1)
tROS
ROUT Setup Data to PCLK
VDDIO: 1.71V to 1.89V or
0.38T
0.5T
3.0V to 3.6V,
tROH
ROUT[13:0],
CL = 8 pF (lumped load)
ns
HSYNC, VSYNC
ROUT Hold Data to PCLK
0.38T
0.5T
Default Registers
(Figure 18)
Default Registers
4.571T
4.571T
4.571T
tDD
Deserializer Delay
Register 0x03h b[0]
10 MHz–43 MHz
ns
+ 8
+ 12
+ 16
(RRFB = 1) (Figure 17)
tDDLT
Deserializer Data Lock Time
(Figure 15)(2)
10 MHz–43 MHz
10
ms
tRJIT
(Figure 19,
Receiver Input Jitter Tolerance
43 MHz
0.53
UI
Figure 21)(3)(4)
tRCJ
10 MHz
300
550
PCLK
Receiver Clock Jitter
ps
SSCG[3:0] = OFF(1)(5)
43 MHz
120
250
tDPJ
10 MHz
425
600
PCLK
Deserializer Period Jitter
ps
SSCG[3:0] = OFF(1)(6)
43 MHz
320
480
tDCCJ
10 MHz
320
500
Deserializer Cycle-to-Cycle Clock
PCLK
ps
Jitter
SSCG[3:0] = OFF(7)(1)
43 MHz
300
500
fdev
Spread Spectrum Clocking
±0.5% to
20 MHz–43 MHz
%
LVCMOS Output Bus
Deviation Frequency
±2.0%
SSC[3:0] = ON
fmod
Spread Spectrum Clocking
9 kHz to
(Figure 22)
20 MHz–43 MHz
kHz
Modulation Frequency
66 kHz
(1)
Specification is by characterization and is not tested in production.
(2)
tPLD and tDDLT is the time required by the serializer and deserializer to obtain lock when exiting power-down state with an active PCLK
(3)
UI – Unit Interval is equivalent to one ideal serialized data bit width. The UI scales with PCLK frequency.
(4)
tRJIT max (0.61UI) is limited by instrumentation and actual tRJIT of in-band jitter at low frequency (<2 MHz) is greater 1 UI.
(5)
tDCJ is the maximum amount of jitter measured over 30,000 samples based on Time Interval Error (TIE).
(6)
tDPJ is the maximum amount the period is allowed to deviate measured over 30,000 samples.
(7)
tDCCJ is the maximum amount of jitter between adjacent clock cycles measured over 30,000 samples.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90UB901Q DS90UB902Q


Similar Part No. - DS90UB901Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901QSQ TI1-DS90UB901QSQ Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQE TI1-DS90UB901QSQE Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQX TI1-DS90UB901QSQX Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB901Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com