Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV804 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV804
Description  4-Channel 800 Mbps LVDS Buffer/Repeater
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV804 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90LV804 Datasheet HTML 6Page - Texas Instruments DS90LV804 Datasheet HTML 7Page - Texas Instruments DS90LV804 Datasheet HTML 8Page - Texas Instruments DS90LV804 Datasheet HTML 9Page - Texas Instruments DS90LV804 Datasheet HTML 10Page - Texas Instruments DS90LV804 Datasheet HTML 11Page - Texas Instruments DS90LV804 Datasheet HTML 12Page - Texas Instruments DS90LV804 Datasheet HTML 13Page - Texas Instruments DS90LV804 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
DS90LV804TSQ
NRND
WQFN
RTV
32
1000
TBD
Call TI
Call TI
-40 to 85
804TSQ
DS90LV804TSQ/NOPB
ACTIVE
WQFN
RTV
32
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 85
804TSQ
DS90LV804TSQX/NOPB
ACTIVE
WQFN
RTV
32
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 85
804TSQ
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - DS90LV804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQX NSC-DS90LV804TSQX Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
More results

Similar Description - DS90LV804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_14 Datasheet
1Mb / 22P
[Old version datasheet]   800 Mbps LVDS Buffer
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV001 800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com