Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV048ATMTCX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV048ATMTCX
Description  3-V LVDS Quad CMOS Differential Line Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV048ATMTCX Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV048ATMTCX Datasheet HTML 1Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 2Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 3Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 4Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 5Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 6Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 7Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 8Page - Texas Instruments DS90LV048ATMTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DS90LV048A
SNLS045C – JULY 1999 – REVISED JULY 2016
DS90LV048A 3-V LVDS Quad CMOS Differential Line Receiver
1
1 Features
1
> 400-Mbps (200-MHz) Switching Rates
Flow-Through Pinout Simplifies PCB Layout
150-ps Channel-to-Channel Skew (Typical)
100-ps Differential Skew (Typical)
2.7-ns Maximum Propagation Delay
3.3-V Power Supply Design
High Impedance LVDS Inputs on Power Down
Low Power Design (40 mW at 3.3-V Static)
Interoperable With Existing 5-V LVDS Drivers
Accepts Small Swing (350 mV Typical) Differential
Signal Levels
Supports Input Failsafe
Open, Short, and Terminated
0 V to
−100 mV Threshold Region
Conforms to ANSI/TIA/EIA-644 Standard
Operating Temperature Range: –40°C to +85°C
Available in SOIC and TSSOP Package
2 Applications
Multifunction Printers
LVDS - LVCMOS Translation
3 Description
The DS90LV048A device is a quad CMOS flow-
through
differential
line
receiver
designed
for
applications requiring ultra-low power dissipation and
high data rates. The device is designed to support
data rates in excess of 400 Mbps (200 MHz) using
Low
Voltage
Differential
Signaling
(LVDS)
technology.
The DS90LV048A accepts low voltage (350 mV
typical) differential input signals and translates them
to 3-V CMOS output levels. The receiver supports a
TRI-STATE function that may be used to multiplex
outputs. The receiver also supports open, shorted,
and terminated (100-Ω) input fail-safe. The receiver
output is HIGH for all fail-safe conditions. The
DS90LV048A has a flow-through pinout for easy PCB
layout.
The EN and EN* inputs are ANDed together and
control the TRI-STATE outputs. The enables are
common to all four receivers. The DS90LV048A and
companion
LVDS
line
driver
(for
example,
DS90LV047A) provide a new alternative to high-
power PECL/ECL devices for high-speed point-to-
point interface applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS90LV048A
SOIC (16)
9.90 mm × 3.91 mm
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Diagram


Similar Part No. - DS90LV048ATMTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV048ATMTCX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com