Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV047ATMTC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047ATMTC
Description  3-V LVDS Quad CMOS Differential Line Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV047ATMTC Datasheet(HTML) 5 Page - Texas Instruments

  DS90LV047ATMTC Datasheet HTML 1Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 2Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 3Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 4Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 5Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 6Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 7Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 8Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
DS90LV047A
www.ti.com
SNLS044D – MAY 2000 – REVISED JULY 2016
Product Folder Links: DS90LV047A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over supply voltage and operating temperature ranges, unless otherwise specified
(1)(2)(3)
PARAMETER
TEST CONDITIONS
PIN
MIN
TYP
MAX
UNIT
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
IOS
Output short-circuit current(4)
ENABLED,
DIN = VCC, DOUT+ = 0 V or
DIN = GND, DOUT− = 0 V
DOUT−
DOUT+
−4.2
−9
mA
IOSD
Differential output short-circuit
current(4)
ENABLED, VOD = 0 V
−4.2
−9
mA
IOFF
Power-off leakage
VOUT = 0 V or 3.6 V, VCC = 0 V or
Open
−20
±1
20
µA
IOZ
Output TRI-STATE current
EN = 0.8 V and EN* = 2.0 V
VOUT = 0 V or VCC
−10
±1
10
µA
ICC
No load supply current drivers enabled DIN = VCC or GND
VCC
4
8
mA
ICCL
Loaded supply current drivers enabled
RL = 100 Ω all channels, DIN = VCC
or GND (all inputs)
20
30
mA
ICCZ
No load supply current drivers
disabled
DIN = VCC or GND, EN = GND,
EN* = VCC
2.2
6
mA
(1)
All typicals are given for: VCC = 3.3 V, TA = +25°C.
(2)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50 Ω, tr ≤ 1 ns, and tf ≤ 1 ns.
(3)
CL includes probe and jig capacitance.
(4)
tSKD1 |tPHLD – tPLHD| is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(5)
tSKD2 is the differential channel-to-channel skew of any event on the same device.
(6)
tSKD3, differential part-to-part skew, is defined as the difference between the minimum and maximum specified differential propagation
delays. This specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(7)
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(8)
fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% / 55%,
VOD > 250 mV, all channels switching.
6.6 Switching Characteristics
VCC = +3.3V ± 10%, TA = −40°C to +85°C
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHLD
Differential propagation delay high to
low
RL = 100 Ω, CL = 15 pF
(Figure 18 and Figure 19)
0.5
0.9
1.7
ns
tPLHD
Differential propagation delay low to
high
0.5
1.2
1.7
ns
tSKD1
Differential pulse skew |tPHLD − tPLHD|
(4)
0
0.3
0.4
ns
tSKD2
Channel-to-channel skew(5)
0
0.4
0.5
ns
tSKD3
Differential part-to-part skew(6)
0
1
ns
tSKD4
Differential part-to-part skew(7)
0
1.2
ns
tTLH
Rise time
0.5
1.5
ns
tTHL
Fall time
0.5
1.5
ns
tPHZ
Disable time high to Z
RL = 100 Ω, CL = 15 pF
(Figure 20 and Figure 21)
2
5
ns
tPLZ
Disable time low to Z
2
5
ns
tPZH
Enable time Z to high
3
7
ns
tPZL
Enable time Z to low
3
7
ns
fMAX
Maximum operating frequency(8)
200
250
MHz


Similar Part No. - DS90LV047ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMTC TI-DS90LV047ATMTC Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTCX TI-DS90LV047ATMTCX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047ATMTC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
   3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com