Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV049Q Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90LV049Q
Description  Automotive LVDS Dual Line Driver and Receiver Pair
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV049Q Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV049Q_15 Datasheet HTML 1Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 2Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 3Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 4Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 5Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 6Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 7Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 8Page - Texas Instruments DS90LV049Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R1
R2
D1
D2
RIN1-
RIN1+
RIN2+
RIN2-
DOUT2-
DOUT2+
DOUT1+
DOUT1-
ROUT1
ROUT2
DIN2
DIN1
AND
EN
EN
EN
GND
VDD
EN
RIN1-
RIN1+
RIN2+
RIN2-
DOUT2-
DOUT2+
DOUT1+
DOUT1-
ROUT1
ROUT2
DIN2
DIN1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DS90LV049Q
www.ti.com
SNLS300D – MAY 2008 – REVISED APRIL 2013
DS90LV049Q Automotive LVDS Dual Line Driver and Receiver Pair
Check for Samples: DS90LV049Q
1
FEATURES
DESCRIPTION
The DS90LV049Q is a dual CMOS flow-through
2
AECQ-100 Grade 1
differential line driver-receiver pair designed for
Up to 400 Mbps Switching Rates
applications requiring ultra low power dissipation,
Flow-Through Pinout Simplifies PCB Layout
exceptional
noise
immunity,
and
high
data
throughput. The device is designed to support data
50 ps Typical Driver Channel-to-Channel Skew
rates in excess of 400 Mbps utilizing Low Voltage
50 ps Typical Receiver Channel-to-Channel
Differential Signaling (LVDS) technology.
Skew
The DS90LV049Q drivers accept LVTTL/LVCMOS
3.3 V Single Power Supply Design
signals and translate them to LVDS signals. The
TRI-STATE Output Control
receivers accept LVDS signals and translate them to
Internal Fail-Safe Biasing of Receiver Inputs
3 V CMOS signals. The LVDS input buffers have
internal failsafe biasing that places the outputs to a
Low Power Dissipation (70 mW at 3.3 V Static)
known H (high) state for floating receiver inputs. In
High Impedance on LVDS Outputs on Power
addition, the DS90LV049Q supports a TRI-STATE
Down
function for a low idle power state when the device is
Conforms to TIA/EIA-644-A LVDS Standard
not in use.
Available in Low Profile 16 Pin TSSOP
The EN and EN inputs are ANDed together and
Package
control the TRI-STATE outputs. The enables are
common to all four gates.
Connection Diagram
Functional Diagram
Figure 1. TSSOP Package
See Package Number PW0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV049Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q Datasheet
288Kb / 14P
[Old version datasheet]   DS90LV049Q Automotive LVDS Dual Line Driver and Receiver Pair
More results

Similar Description - DS90LV049Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q Datasheet
288Kb / 14P
[Old version datasheet]   DS90LV049Q Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV049H TI1-DS90LV049H_15 Datasheet
950Kb / 19P
[Old version datasheet]   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
National Semiconductor ...
DS90LV049H NSC-DS90LV049H Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
   100 MHz M-LVDS Line Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com