Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV047ATM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047ATM
Description  3-V LVDS Quad CMOS Differential Line Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV047ATM Datasheet(HTML) 4 Page - Texas Instruments

  DS90LV047ATM Datasheet HTML 1Page - Texas Instruments DS90LV047ATM Datasheet HTML 2Page - Texas Instruments DS90LV047ATM Datasheet HTML 3Page - Texas Instruments DS90LV047ATM Datasheet HTML 4Page - Texas Instruments DS90LV047ATM Datasheet HTML 5Page - Texas Instruments DS90LV047ATM Datasheet HTML 6Page - Texas Instruments DS90LV047ATM Datasheet HTML 7Page - Texas Instruments DS90LV047ATM Datasheet HTML 8Page - Texas Instruments DS90LV047ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
DS90LV047A
SNLS044D – MAY 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: DS90LV047A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
ESD Ratings:
HBM (1.5 kΩ, 100 pF)
EIAJ (0 Ω, 200 pF)
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge(1)
Human-body model (HBM)
±10000
V
Machine Model
±1200
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Operating free air temperature, TA
−40
25
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DS90LV047A
UNIT
PW (TSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
114
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51
°C/W
RθJB
Junction-to-board thermal resistance
59
°C/W
ψJT
Junction-to-top characterization parameter
8
°C/W
ψJB
Junction-to-board characterization parameter
58
°C/W
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except: VOD1 and ΔVOD1.
(2)
All typicals are given for: VCC = 3.3 V, TA = +25°C.
(3)
The DS90LV047A is a current mode device and only functions within datasheet specifications when a resistive load is applied to the
driver outputs typical range is (90 Ω to 110 Ω).
6.5 Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
(1) (2) (3)
PARAMETER
TEST CONDITIONS
PIN
MIN
TYP
MAX
UNIT
VOD1
Differential output voltage
RL = 100 Ω (Figure 17)
DOUT−
DOUT+
250
310
450
mV
ΔVOD1
Change in magnitude of VOD1 for
complementary output states
1
35
|mV|
VOS
Offset voltage
1.125
1.17
1.375
V
ΔVOS
Change in magnitude of VOS for
complementary output states
1
25
|mV|
VOH
Output high voltage
1.33
1.6
V
VOL
Output low voltage
0.9
1.02
V
VIH
Input high voltage
DIN,
EN,
EN*
2
VCC
V
VIL
Input low voltage
GND
0.8
V
IIH
Input high current
VIN = VCC or 2.5 V
−10
2
+10
µA
IIL
Input low current
VIN = GND or 0.4 V
−10
−2
+10
µA
VCL
Input clamp voltage
ICL = −18 mA
−1.5
−0.8
V


Similar Part No. - DS90LV047ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047ATM NSC-DS90LV047ATM Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATM NSC-DS90LV047ATM Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATM TI-DS90LV047ATM Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047ATM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
   3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com