Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV049 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90LV049
Description  3V LVDS Dual Line Driver with Dual Line Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV049 Datasheet(HTML) 2 Page - Texas Instruments

  DS90LV049_15 Datasheet HTML 1Page - Texas Instruments DS90LV049_15 Datasheet HTML 2Page - Texas Instruments DS90LV049_15 Datasheet HTML 3Page - Texas Instruments DS90LV049_15 Datasheet HTML 4Page - Texas Instruments DS90LV049_15 Datasheet HTML 5Page - Texas Instruments DS90LV049_15 Datasheet HTML 6Page - Texas Instruments DS90LV049_15 Datasheet HTML 7Page - Texas Instruments DS90LV049_15 Datasheet HTML 8Page - Texas Instruments DS90LV049_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
R1
R2
D1
D2
RIN1-
RIN1+
RIN2+
RIN2-
DOUT2-
DOUT2+
DOUT1+
DOUT1-
ROUT1
ROUT2
DIN2
DIN1
AND
EN
EN
DS90LV049
SNLS159D – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Functional Diagram
Table 1. TRUTH TABLE
EN
EN
LVDS Out
LVCMOS Out
L or Open
L or Open
OFF
OFF
H
L or Open
ON
ON
L or Open
H
OFF
OFF
H
H
OFF
OFF
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV049


Similar Part No. - DS90LV049_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV049H NSC-DS90LV049H Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
Texas Instruments
DS90LV049H TI1-DS90LV049H Datasheet
950Kb / 19P
[Old version datasheet]   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
National Semiconductor ...
DS90LV049HMT NSC-DS90LV049HMT Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
Texas Instruments
DS90LV049HMT TI1-DS90LV049HMT Datasheet
950Kb / 19P
[Old version datasheet]   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
DS90LV049HMT/NOPB TI1-DS90LV049HMT/NOPB Datasheet
950Kb / 19P
[Old version datasheet]   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
More results

Similar Description - DS90LV049_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV049H TI1-DS90LV049H_15 Datasheet
950Kb / 19P
[Old version datasheet]   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
National Semiconductor ...
DS90LV049H NSC-DS90LV049H Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com