Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV048A Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90LV048A
Description  3-V LVDS Quad CMOS Differential Line Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV048A Datasheet(HTML) 4 Page - Texas Instruments

  DS90LV048A_16 Datasheet HTML 1Page - Texas Instruments DS90LV048A_16 Datasheet HTML 2Page - Texas Instruments DS90LV048A_16 Datasheet HTML 3Page - Texas Instruments DS90LV048A_16 Datasheet HTML 4Page - Texas Instruments DS90LV048A_16 Datasheet HTML 5Page - Texas Instruments DS90LV048A_16 Datasheet HTML 6Page - Texas Instruments DS90LV048A_16 Datasheet HTML 7Page - Texas Instruments DS90LV048A_16 Datasheet HTML 8Page - Texas Instruments DS90LV048A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
DS90LV048A
SNLS045C – JULY 1999 – REVISED JULY 2016
www.ti.com
Product Folder Links: DS90LV048A
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
ESD Rating:
HBM (1.5 kΩ, 100 pF)
EIAJ (0 Ω, 200 pF)
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge(1)
Human-body model (HBM)
±10000
V
Machine model
±1200
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Receiver input voltage
GND
3
V
Operating free air temperature, TA
−40
25
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DS90LV048A
UNIT
PW (TSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
110.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47
°C/W
RθJB
Junction-to-board thermal resistance
54.7
°C/W
ψJT
Junction-to-top characterization parameter
6.1
°C/W
ψJB
Junction-to-board characterization parameter
54.2
°C/W
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified.
(2)
All typicals are given for: VCC = 3.3 V, TA = 25°C.
(3)
VCC is always higher than RIN+ and RIN− voltage. RIN− and RIN+ are allowed to have a voltage range −0.2 V to VCC− VID/2. However, to
be compliant with AC specifications, the common voltage range is 0.1 V to 2.3 V.
(4)
The VCMR range is reduced for larger VID. Example: if VID = 400 mV, the VCMR is 0.2 V to 2.2 V. The fail-safe condition with inputs
shorted is not supported over the common-mode range of 0 V to 2.4 V, but is supported only with inputs shorted and no external
common-mode voltage applied. A VID up to VCC – 0 V may be applied to the RIN+/ RIN− inputs with the Common-Mode voltage set to
VCC/2. Propagation delay and Differential Pulse skew decrease when VID is increased from 200 mV to 400 mV. Skew specifications
apply for 200 mV
≤ VID ≤ 800 mV over the common-mode range.
(5)
Output short-circuit current (IOS) is specified as magnitude only; minus sign indicates direction only. Only one output should be shorted
at a time; do not exceed maximum junction temperature specification.
6.5 Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
PARAMETER
TEST CONDITIONS
PIN
MIN
TYP
MAX
UNIT
VTH
Differential input high threshold
VCM = +1.2 V, 0.05 V, 2.95 V
(3)
RIN+,
RIN−
−35
0
mV
VTL
Differential input low threshold
−100
−35
mV
VCMR
Common-mode voltage range
VID = 200 mV peak to peak?(4)
0.1
2.3
V
IIN
Input current
VIN = +2.8 V
VCC = 3.6 V or 0 V
−10
±5
10
μA
VIN = 0 V
−10
±1
10
VIN = +3.6 V
VCC = 0 V
–20
±1
20
VOH
Output high voltage
IOH = −0.4 mA, VID = +200 mV
ROUT
2.7
3.3
V
IOH = −0.4 mA, input terminated
2.7
3.3
IOH = −0.4 mA, input shorted
2.7
3.3
VOL
Output low voltage
IOL = 2 mA, VID = −200 mV
0.05
0.25
V
IOS
Output short-circuit current
Enabled, VOUT = 0 V
(5)
−15
−47
−100
mA
IOZ
Output TRI-STATE current
Disabled, VOUT = 0 V or VCC
−10
±1
10
μA


Similar Part No. - DS90LV048A_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048ATM NSC-DS90LV048ATM Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATM NSC-DS90LV048ATM Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATM TI-DS90LV048ATM Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATM TI-DS90LV048ATM Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048ATMTC NSC-DS90LV048ATMTC Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV048A_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com