Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031AQML Datasheet(PDF) 11 Page - Texas Instruments

Part No. DS90LV031AQML
Description  3V LVDS Quad CMOS Differential Line Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV031AQML Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90LV031AQML_14 Datasheet HTML 7Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 8Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 9Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 10Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 11Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 12Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 13Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 14Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-May-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-9865101QFA
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS90LV031AW
-QML Q
5962-98651
01QFA ACO
01QFA >T
DS90LV031AW-MLS
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-40 to 85
DS90LV031AW-
MLS ACO
MLS >T
DS90LV031AW-QML
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS90LV031AW
-QML Q
5962-98651
01QFA ACO
01QFA >T
DS90LV031AWGMLS
ACTIVE
CFP
NAC
16
42
TBD
Call TI
Call TI
-55 to 125
DS90LV031AWG
MLS ACO
MLS >T
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz