Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031AQML Datasheet(PDF) 6 Page - Texas Instruments

Part No. DS90LV031AQML
Description  3V LVDS Quad CMOS Differential Line Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV031AQML Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90LV031AQML_14 Datasheet HTML 2Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 3Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 4Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 5Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 6Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 7Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 8Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 9Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS90LV031AQML
SNLS204A – NOVEMBER 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATION
Figure 6. Point-to-Point Application
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the LVDS Owner's
Manual at http://www.ti.com/ww/en/analog/interface/lvds.shtml.
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 6. This configuration provides a clean signaling environment for the quick edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically, the characteristic differential impedance of the media
is in the range of 100
Ω. A termination resistor of 100Ω should be selected to match the media, and is located as
close to the receiver input pins as possible. The termination resistor converts the current sourced by the driver
into a voltage that is detected by the receiver. Other configurations are possible such as a multi-receiver
configuration, but the effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as
well as ground shifting, noise margin limits, and total termination loading must be taken into account.
The DS90LV031A differential line driver is a balanced current source design. A current mode driver, generally
speaking has a high output impedance and supplies a constant current for a range of loads (a voltage mode
driver on the other hand supplies a constant voltage for a range of loads). Current is switched through the load in
one direction to produce a logic state and in the other direction to produce the other logic state. The output
current is typically 3.5 mA, a minimum of 2.5 mA, and a maximum of 4.5 mA. The current mode requires (as
discussed above) that a resistive termination be employed to terminate the signal and to complete the loop as
shown in Figure 6. AC or unterminated configurations are not allowed. The 3.5 mA loop current will develop a
differential voltage of 350 mV across the 100
Ω termination resistor which the receiver detects with a 250 mV
minimum differential noise margin neglecting resistive line losses (driven signal minus receiver threshold (350
mV – 100 mV = 250 mV)). The signal is centered around +1.2V (Driver Offset, VOS) with respect to ground as
shown in Figure 7. Note that the steady-state voltage (VSS) peak-to-peak swing is twice the differential voltage
(VOD) and is typically 700 mV.
The current mode driver provides substantial benefits over voltage mode drivers, such as an RS-422 driver. Its
quiescent current remains relatively flat versus switching frequency. Whereas the RS-422 voltage mode driver
increases exponentially in most case between 20 MHz–50 MHz. This is due to the overlap current that flows
between the rails of the device when the internal gates switch. Whereas the current mode driver switches a fixed
current between its output without any substantial overlap current. This is similar to some ECL and PECL
devices, but without the heavy static ICC requirements of the ECL/PECL designs. LVDS requires > 80% less
current than similar PECL devices. AC specifications for the driver are a tenfold improvement over other existing
RS-422 drivers.
The TRI-STATE function allows the driver outputs to be disabled, thus obtaining an even lower power state when
the transmission of data is not required.
The footprint of the DS90LV031A is the same as the industry standard 26LS31 Quad Differential (RS-422) Driver
and is a step down replacement for the 5V DS90C031 Quad Driver.
Power Decoupling Recommendations
Bypass capacitors must be used on power pins. High frequency ceramic (surface mount is recommended) 0.1
μF
in parallel with 0.01
μF, in parallel with 0.001μF at the power supply pin as well as scattered capacitors over the
printed circuit board. Multiple vias should be used to connect the decoupling capacitors to the power planes. A
10
μF (35V) or greater solid tantalum capacitor should be connected at the power entry point on the printed circuit
board.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV031AQML


Similar Part No. - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz