Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031AQML Datasheet(PDF) 3 Page - Texas Instruments

Part No. DS90LV031AQML
Description  3V LVDS Quad CMOS Differential Line Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV031AQML Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV031AQML_14 Datasheet HTML 1Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 2Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 3Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 4Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 5Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 6Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 7Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 8Page - Texas Instruments DS90LV031AQML_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS90LV031AQML
www.ti.com
SNLS204A – NOVEMBER 2011 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +4V
Input Voltage (DI)
−0.3V to (VCC + 0.3V)
Enable Input Voltage (En, En*)
−0.3V to (VCC + 0.3V)
Output Voltage (DO+, DO−)
−0.3V to +3.9V
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature Range
(Soldering 4 sec.)
+260°C
Maximum Junction Temperature
+150°C
Maximum Power Dissipation @ +25°C (2)
16LD CLGA (NAC and NAD)
845mW
Thermal Resistance
θJA
16LD CLGA (NAC and NAD)
148°C/W
θJC
16LD CLGA (NAC and NAD)
22°C/W
ESD Rating (3)
6KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Derate (NAD & NAC packages) at 6.8mW/°C for temperatures above +25°C.
(3)
Human body model, 1.5 k
Ω in series with 100 pF
Recommended Operating Conditions
Min
Typ
Max
Supply Voltage (VCC)
+3.0V
+3.3V
+3.6V
Operating Free Air Temperature (TA)
-55°C
+25°C
+125°C
Table 1. Quality Conformance InspectionMil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LV031AQML


Similar Part No. - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031AQML_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz