Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV028AQ Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90LV028AQ
Description  Automotive LVDS Dual Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV028AQ Datasheet(HTML) 4 Page - Texas Instruments

  DS90LV028AQ Datasheet HTML 1Page - Texas Instruments DS90LV028AQ Datasheet HTML 2Page - Texas Instruments DS90LV028AQ Datasheet HTML 3Page - Texas Instruments DS90LV028AQ Datasheet HTML 4Page - Texas Instruments DS90LV028AQ Datasheet HTML 5Page - Texas Instruments DS90LV028AQ Datasheet HTML 6Page - Texas Instruments DS90LV028AQ Datasheet HTML 7Page - Texas Instruments DS90LV028AQ Datasheet HTML 8Page - Texas Instruments DS90LV028AQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS90LV028AQ, DS90LV028AQ-Q1
SNLS299E – MAY 2008 – REVISED APRIL 2013
www.ti.com
Parameter Measurement Information
Figure 2. Receiver Propagation Delay and Transition Time Test Circuit
Figure 3. Receiver Propagation Delay and Transition Time Waveforms
Typical Application
Figure 4. Balanced System
Point-to-Point Application
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual at www.ti.com.
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 4. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically the characteristic impedance of the media is in the
range of 100
Ω. A termination resistor of 100Ω should be selected to match the media, and is located as close to
the receiver input pins as possible. The termination resistor converts the driver output (current mode) into a
voltage that is detected by the receiver. Other configurations are possible such as a multi-receiver configuration,
but the effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as well as
ground shifting, noise margin limits, and total termination loading must be taken into account.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV028AQ DS90LV028AQ-Q1


Similar Part No. - DS90LV028AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ TI1-DS90LV028AQ Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com