Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV027 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV027
Description  LVDS Dual High Speed Differential Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV027 Datasheet(HTML) 2 Page - Texas Instruments

  DS90LV027 Datasheet HTML 1Page - Texas Instruments DS90LV027 Datasheet HTML 2Page - Texas Instruments DS90LV027 Datasheet HTML 3Page - Texas Instruments DS90LV027 Datasheet HTML 4Page - Texas Instruments DS90LV027 Datasheet HTML 5Page - Texas Instruments DS90LV027 Datasheet HTML 6Page - Texas Instruments DS90LV027 Datasheet HTML 7Page - Texas Instruments DS90LV027 Datasheet HTML 8Page - Texas Instruments DS90LV027 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS90LV027
SNLS003C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (DI)
−0.3V to (VCC + 0.3V)
Output Voltage (DO±)
−0.3V to +3.9V
Maximum Package Power Dissipation @ +25°C
D Package
1190 mW
Derate D Package
9.5 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
ESD Rating (2)
(HBM 1.5 k
Ω, 100 pF)
≥ 4.5 kV
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. Electrical Characteristics specifies conditions of device operation.
(2)
ESD Rating: HBM (1.5 k
Ω, 100 pF) ≥ 4.5 kV
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Temperature (TA)
0
25
70
°C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
VOD
Output Differential Voltage
RL = 100Ω (Figure 2)
DO+,
250
340
450
mV
DO
ΔVOD
VOD Magnitude Change
0
10
35
mV
VOH
Output High Voltage
1.43
1.6
V
VOL
Output Low Voltage
0.9
1.09
V
VOS
Offset Voltage
0.9
1.25
1.6
V
ΔVOS
Offset Magnitude Change
0
5
25
mV
IOZD
TRI-STATE® Leakage
VOUT = VCC or GND
0
±1
±10
μA
IOXD
Power-off Leakage
VOUT = 3.6V or GND, VCC = 0V
0
±1
±10
μA
IOSD
Output Short Circuit Current
−4
−6
mA
VIH
Input High Voltage
DI
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
IIH
Input High Current
VIN = 3.6V or 2.4V
±1
±10
μA
IIL
Input Low Current
VIN = GND or 0.5V
±1
±10
μA
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.8
V
ICC
Power Supply Current
No Load
VIN = VCC or GND
VCC
1
4
mA
RL = 100Ω
8
11
mA
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD.
(2)
All typicals are given for: VCC = +3.3V and TA = +25°C.
(3)
The DS90LV027 is a current mode device and only function with datasheet specification when a resistive load is applied to the drivers
outputs.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV027


Similar Part No. - DS90LV027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV027 NSC-DS90LV027 Datasheet
483Kb / 4P
   LVDS Dual High Speed Differential Driver
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
   LVDS Dual High Speed Differential Driver
logo
Texas Instruments
DS90LV027A TI1-DS90LV027A Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
logo
National Semiconductor ...
DS90LV027AH NSC-DS90LV027AH Datasheet
636Kb / 8P
   High Temperature LVDS Dual Differential Driver
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
More results

Similar Description - DS90LV027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
logo
National Semiconductor ...
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
   LVDS Dual High Speed Differential Driver
DS90LV027 NSC-DS90LV027 Datasheet
483Kb / 4P
   LVDS Dual High Speed Differential Driver
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com