Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV011AQ Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90LV011AQ
Description  Automotive LVDS Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV011AQ Datasheet(HTML) 2 Page - Texas Instruments

  DS90LV011AQ Datasheet HTML 1Page - Texas Instruments DS90LV011AQ Datasheet HTML 2Page - Texas Instruments DS90LV011AQ Datasheet HTML 3Page - Texas Instruments DS90LV011AQ Datasheet HTML 4Page - Texas Instruments DS90LV011AQ Datasheet HTML 5Page - Texas Instruments DS90LV011AQ Datasheet HTML 6Page - Texas Instruments DS90LV011AQ Datasheet HTML 7Page - Texas Instruments DS90LV011AQ Datasheet HTML 8Page - Texas Instruments DS90LV011AQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS90LV011AQ
SNLS296D – MAY 2008 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
−0.3V to 4.0V
LVCMOS input voltage (TTL IN)
−0.3V to to (VDD + 0.3V)
LVDS output voltage (OUT±)
−0.3V to +3.9V
LVDS output short circuit current
24mA
Maximum Package Power Dissipation @ +25°C
DBV Package
794 mW
Derate DBV Package
7.22 mW/°C above +25°C
Package Thermal Resistance (4-Layer, 2 oz. Cu, JEDEC)
θJA
138.5°C/Watt
θJC
107.0°C/Watt
Storage Temperature
−65°C to +150°C
Lead Temperature Range Soldering
(4 sec.)
+260°C
Maximum Junction Temperature
+135°C
ESD Ratings
HBM (3)
≥ 8kV
MM (4)
≥ 250V
CDM (5)
≥ 1250V
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. Electrical Characteristics specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. JESD22-A114C
(4)
Machine Model, applicable std. JESD22-A115-A
(5)
Field Induced Charge Device Model, applicable std. JESD22-C101-C
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VDD)
3.0
3.3
3.6
V
Temperature (TA)
−40
+25
+125
°C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
|VOD|
Output Differential Voltage
RL = 100Ω
OUT+,
250
350
450
mV
(Figure 2 and Figure 3)
OUT
ΔVOD
VOD Magnitude Change
3
35
mV
VOS
Offset Voltage
RL = 100Ω
1.125
1.22
1.375
V
(Figure 2)
ΔVOS
Offset Magnitude Change
0
1
25
mV
IOFF
Power-off Leakage
VOUT = 3.6V or GND, VDD = 0V
±1
±10
μA
IOS
Output Short Circuit Current (4)
VOUT+ and VOUT− = 0V
−6
−24
mA
IOSD
Differential Output Short Circuit
VOD = 0V
−5
−12
mA
Current (4)
COUT
Output Capacitance
3
pF
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD.
(2)
All typicals are given for: VDD = +3.3V and TA = +25°C.
(3)
The DS90LV011AQ is a current mode device and only function with datasheet specification when a resistive load is applied to the
drivers outputs.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV011AQ


Similar Part No. - DS90LV011AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
   Automotive LVDS Differential Driver
More results

Similar Description - DS90LV011AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
   Automotive LVDS Differential Driver
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
[Old version datasheet]   Automotive LVDS Dual Differential Driver
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com