Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV004TVS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV004TVS
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV004TVS Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90LV004TVS Datasheet HTML 2Page - Texas Instruments DS90LV004TVS Datasheet HTML 3Page - Texas Instruments DS90LV004TVS Datasheet HTML 4Page - Texas Instruments DS90LV004TVS Datasheet HTML 5Page - Texas Instruments DS90LV004TVS Datasheet HTML 6Page - Texas Instruments DS90LV004TVS Datasheet HTML 7Page - Texas Instruments DS90LV004TVS Datasheet HTML 8Page - Texas Instruments DS90LV004TVS Datasheet HTML 9Page - Texas Instruments DS90LV004TVS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS90LV004
SNLS190P – APRIL 2005 – REVISED APRIL 2013
www.ti.com
FEATURE DESCRIPTIONS
INTERNAL TERMINATIONS
The DS90LV004 has integrated termination resistors on both the input and outputs. The inputs have a 100
resistor across the differential pair, placing the receiver termination as close as possible to the input stage of the
device. The LVDS outputs also contain an integrated 100
Ω ohm termination resistor, this resistor is used to
reduce the effects of Near End Crosstalk (NEXT) and does not take the place of the 100 ohm termination at the
inputs to the receiving device. The integrated terminations improve signal integrity and decrease the external
component count resulting in space savings.
OUTPUT CHARACTERISTICS
The output characteristics of the DS90LV004 have been optimized for point-to-point backplane and cable
applications, and are not intended for multipoint or multidrop signaling.
POWERDOWN MODE
The PWDN input activates a hardware powerdown mode. When the powerdown mode is active (PWDN=L), all
input and output buffers and internal bias circuitry are powered off and disabled. Outputs are tri-stated in
powerdown mode. When exiting powerdown mode, there is a delay associated with turning on bandgap
references and input/output buffer circuits as indicated in the LVDS Output Switching Characteristics
PRE-EMPHASIS
Pre-emphasis dramatically reduces ISI jitter from long or lossy transmission media. Two pins are used to select
the pre-emphasis level for all outputs: off, low, medium, or high.
Table 1. Pre-Emphasis Control Selection Table
PEM1
PEM0
Pre-Emphasis
0
0
Off
0
1
Low
1
0
Medium
1
1
High
INPUT FAILSAFE BIASING
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor and
the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors should be
in the 5k
Ω to 15kΩ range to minimize loading and waveform distortion to the driver. The common-mode bias
point ideally should be set to approximately 1.2V (less than 1.75V) to be compatible with the internal circuitry.
Please refer to application note AN-1194 “Failsafe Biasing of LVDS Interfaces” (SNLA051) for more information.
INPUT INTERFACING
The DS90LV004 accepts differential signals and allow simple AC or DC coupling. With a wide common mode
range, the DS90LV004 can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML).
Figure 3, Figure 4, and Figure 5 illustrate typical DC-coupled interface to common differential drivers. Note that
the DS90LV004 inputs are internally terminated with a 100
Ω resistor.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV004


Similar Part No. - DS90LV004TVS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV004TVS NSC-DS90LV004TVS Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS90LV004TVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com