Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012AH Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90LT012AH
Description  High Temperature 3V LVDS Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LT012AH Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90LT012AH_15 Datasheet HTML 2Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 3Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 4Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 5Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 6Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 7Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 8Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 9Page - Texas Instruments DS90LT012AH_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NRND
DS90LT012AH
SNLS199A – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual(SNLA187), AN-808(SNLA028), AN-977(SNLA166), AN-971(SNLA165), AN-
916(SNLA219), AN-805(SNOA233), AN-903(SNLA034).
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 5. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically the characteristic impedance of the media is in the
range of 100
Ω. The internal termination resistor converts the driver output (current mode) into a voltage that is
detected by the receiver. Other configurations are possible such as a multi-receiver configuration, but the effects
of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as well as ground shifting, noise
margin limits, and total termination loading must be taken into account.
The DS90LT012AH differential line receiver is capable of detecting signals as low as 100 mV, over a ±1V
common-mode range centered around +1.2V. This is related to the driver offset voltage which is typically +1.2V.
The driven signal is centered around this voltage and may shift ±1V around this center point. The ±1V shifting
may be the result of a ground potential difference between the driver's ground reference and the receiver's
ground reference, the common-mode effects of coupled noise, or a combination of the two. The AC parameters
of both receiver input pins are optimized for a recommended operating input voltage range of 0V to +2.4V
(measured from each pin to ground). The device will operate for receiver input voltages up to VDD, but exceeding
VDD will turn on the ESD protection circuitry which will clamp the bus voltages.
POWER DECOUPLING RECOMMENDATIONS
Bypass capacitors must be used on power pins. Use high frequency ceramic (surface mount is recommended)
0.1
μF and 0.001μF capacitors in parallel at the power supply pin with the smallest value capacitor closest to the
device supply pin. Additional scattered capacitors over the printed circuit board will improve decoupling. Multiple
vias should be used to connect the decoupling capacitors to the power planes. A 10
μF (35V) or greater solid
tantalum capacitor should be connected at the power entry point on the printed circuit board between the supply
and ground.
PC BOARD CONSIDERATIONS
Use at least 4 PCB board layers (top to bottom): LVDS signals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL signals may couple onto the LVDS lines. It is best to
put TTL and LVDS signals on different layers which are isolated by a power/ground plane(s).
Keep drivers and receivers as close to the (LVDS port side) connectors as possible.
DIFFERENTIAL TRACES
Use controlled impedance traces which match the differential impedance of your transmission medium (ie. cable)
and termination resistor. Run the differential pair trace lines as close together as possible as soon as they leave
the IC (stubs should be < 10mm long). This will help eliminate reflections and ensure noise is coupled as
common-mode. In fact, we have seen that differential signals which are 1mm apart radiate far less noise than
traces 3mm apart since magnetic field cancellation is much better with the closer traces. In addition, noise
induced on the differential lines is much more likely to appear as common-mode which is rejected by the
receiver.
Match electrical lengths between traces to reduce skew. Skew between the signals of a pair means a phase
difference between signals which destroys the magnetic field cancellation benefits of differential signals and EMI
will result! (Note that the velocity of propagation, v = c/E r where c (the speed of light) = 0.2997mm/ps or 0.0118
in/ps). Do not rely solely on the autoroute function for differential traces. Carefully review dimensions to match
differential impedance and provide isolation for the differential lines. Minimize the number of vias and other
discontinuities on the line.
Avoid 90° turns (these cause impedance discontinuities). Use arcs or 45° bevels.
Within a pair of traces, the distance between the two traces should be minimized to maintain common-mode
rejection of the receivers. On the printed circuit board, this distance should remain constant to avoid
discontinuities in differential impedance. Minor violations at connection points are allowable.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90LT012AH


Similar Part No. - DS90LT012AH_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AHMF NSC-DS90LT012AHMF Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
More results

Similar Description - DS90LT012AH_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com