Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LT012A
Description  3V LVDS Single CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LT012A Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90LT012A Datasheet HTML 5Page - Texas Instruments DS90LT012A Datasheet HTML 6Page - Texas Instruments DS90LT012A Datasheet HTML 7Page - Texas Instruments DS90LT012A Datasheet HTML 8Page - Texas Instruments DS90LT012A Datasheet HTML 9Page - Texas Instruments DS90LT012A Datasheet HTML 10Page - Texas Instruments DS90LT012A Datasheet HTML 11Page - Texas Instruments DS90LT012A Datasheet HTML 12Page - Texas Instruments DS90LT012A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS90LT012A, DS90LV012A
www.ti.com
SNLS141D – AUGUST 2002 – REVISED APRIL 2013
FAIL-SAFE FEATURE
The LVDS receiver is a high gain, high speed device that amplifies a small differential signal (20mV) to CMOS
logic levels. Due to the high gain and tight threshold of the receiver, care should be taken to prevent noise from
appearing as a valid signal.
The receiver's internal fail-safe circuitry is designed to source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for floating, terminated or shorted receiver inputs.
1. Open Input Pins. The DS90LV012A and DS90LT012A are single receiver devices. It is not required to tie
the receiver inputs to ground or any supply voltage. Internal failsafe circuitry will ensure a HIGH, stable
output state for open inputs.
2. Terminated Input. If the driver is disconnected (cable unplugged), or if the driver is in a power-off condition,
the receiver output will again be in a HIGH state, even with the end of cable 100
Ω termination resistor across
the input pins. The unplugged cable can become a floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the receiver may see the noise as a valid signal and switch.
To insure that any noise is seen as common-mode and not differential, a balanced interconnect should be
used. Twisted pair cable will offer better balance than flat ribbon cable.
3. Shorted Inputs. If a fault condition occurs that shorts the receiver inputs together, thus resulting in a 0V
differential input voltage, the receiver output will remain in a HIGH state. Shorted input fail-safe is not
supported across the common-mode range of the device (GND to 2.4V). It is only supported with inputs
shorted and no external common-mode voltage applied.
External lower value pull up and pull down resistors (for a stronger bias) may be used to boost fail-safe in the
presence of higher noise levels. The pull up and pull down resistors should be in the 5k
Ω to 15kΩ range to
minimize loading and waveform distortion to the driver. The common-mode bias point should be set to
approximately 1.2V (less than 1.75V) to be compatible with the internal circuitry.
The DS90LV012A and DS90LT012A are compliant to the original ANSI EIA/TIA-644 specification and is also
compliant to the new ANSI EIA/TIA-644-A specification with the exception the newly added
ΔIIN specification.
Due to the internal fail-safe circuitry,
ΔIIN cannot meet the 6µA maximum specified. This exception will not be
relevant unless more than 10 receivers are used.
Additional information on fail-safe biasing of LVDS devices may be found in AN-1194 (SNLA051).
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance (< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
CABLES AND CONNECTORS, GENERAL COMMENTS
When choosing cable and connectors for LVDS it is important to remember:
Use controlled impedance media. The cables and connectors you use should have a matched differential
impedance of about 100
Ω. They should not introduce major impedance discontinuities.
Balanced cables (e.g. twisted pair) are usually better than unbalanced cables (ribbon cable, simple coax) for
noise reduction and signal quality. Balanced cables tend to generate less EMI due to field canceling effects and
also tend to pick up electromagnetic radiation a common-mode (not differential mode) noise which is rejected by
the receiver.
For cable distances < 0.5M, most cables can be made to work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3
(category 3) twisted pair cable works well, is readily available and relatively inexpensive.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90LT012A DS90LV012A


Similar Part No. - DS90LT012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI-DS90LT012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
logo
Texas Instruments
DS90LT012AH TI1-DS90LT012AH Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
More results

Similar Description - DS90LT012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com