Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR584 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90CR584
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR584 Datasheet(HTML) 3 Page - Texas Instruments

  DS90CR584 Datasheet HTML 1Page - Texas Instruments DS90CR584 Datasheet HTML 2Page - Texas Instruments DS90CR584 Datasheet HTML 3Page - Texas Instruments DS90CR584 Datasheet HTML 4Page - Texas Instruments DS90CR584 Datasheet HTML 5Page - Texas Instruments DS90CR584 Datasheet HTML 6Page - Texas Instruments DS90CR584 Datasheet HTML 7Page - Texas Instruments DS90CR584 Datasheet HTML 8Page - Texas Instruments DS90CR584 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
OBSOLETE
DS90CR583, DS90CR584
www.ti.com
SNLS110B – JULY 1997 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
over opeOver recommended operating supply and temperature ranges unless otherwise specifiedrating free-air temperature
range (unless otherwise noted)
Symb
Parameter
Conditions
Min
Typ
Max
Units
VIL
Low Level Input Voltage
GND
0.8
V
VOH
High Level Output Voltage
IOH = −0.4 mA
3.8
4.9
V
VOL
Low Level Output Voltage
IOL = 2 mA
0.1
0.3
V
VCL
Input Clamp Voltage
ICL = −18 mA
−0.79
−1.5
V
IIN
Input Current
VIN = VCC, GND, 2.5V or 0.4V
±5.1
±10
μA
IOS
Output Short Circuit Current
VOUT = 0V
−120
mA
LVDS DRIVER DC SPECIFICATIONS
VOD
Differential Output Voltage
R L = 100Ω
250
290
450
mV
ΔV OD
Change in VOD between
35
mV
Complementary Output States
ΔV CM
Change in VCM between
35
mV
Complementary Output States
VOL
Low Level Output Voltage
0.9
1.01
V
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
−2.9
−5
mA
IOZ
Output TRI-STATE Current
Power Down = 0V, VOUT = 0V or VCC
±1
±10
μA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High Threshold
V CM = +1.2V
+100
mV
VTL
Differential Input Low Threshold
−100
mV
IIN
Input Current
VIN = +2.4V
VCC = 5.5V
±10
μA
VIN = 0V
±10
μA
TRANSMITTER SUPPLY CURENT
ICCTW
Transmitter Supply Current,
RL = 100Ω, CL = 5 pF,
f = 32.5 MHz
49
63
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
51
64
mA
(Figure 3, Figure 5)
f = 65 MHz
70
84
mA
ICCTG
Transmitter Supply Current,
RL = 100Ω, CL = 5 pF,
f = 32.5 MHz
40
55
mA
16 Grayscale
16 Grayscale Pattern
f = 37.5 MHz
41
55
mA
(Figure 4, Figure 5)
f = 65 MHz
55
67
mA
ICCTZ
Transmitter Supply Current,
Power Down = Low
1
10
µA
Power Down
ICCRW
Receiver Supply Current,
CL = 8 pF,
f = 32.5 MHz
64
77
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
70
85
mA
(Figure 3, Figure 6)
f = 65 MHz
110
140
mA
ICCRG
Receiver Supply Current,
CL = 8 pF,
f = 32.5 MHz
35
55
mA
16 Grayscale
16 Grayscale Pattern
f = 37.5 MHz
37
55
mA
(Figure 4, Figure 6)
f = 65 MHz
55
67
mA
ICCRZ
Receiver Supply Current,
Power Down = Low
1
10
μA
Power Down
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 5)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (Figure 5)
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (Figure 7)
8
ns
TCCS
TxOUT Channel-to-Channel Skew (1) (Figure 8)
350
ps
TCCD
TxCLK IN to TxCLK OUT Delay @ 25°C, VCC = 5.0V (Figure 11)
3.5
8.5
ns
(1)
This limit based on bench characterization.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90CR583 DS90CR584


Similar Part No. - DS90CR584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR584MTD NSC-DS90CR584MTD Datasheet
318Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
More results

Similar Description - DS90CR584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
logo
Texas Instruments
DS90CR563 TI1-DS90CR563_11 Datasheet
332Kb / 14P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
logo
National Semiconductor ...
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com