Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR564 Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90CR564
Description  LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR564 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CR564 Datasheet HTML 2Page - Texas Instruments DS90CR564 Datasheet HTML 3Page - Texas Instruments DS90CR564 Datasheet HTML 4Page - Texas Instruments DS90CR564 Datasheet HTML 5Page - Texas Instruments DS90CR564 Datasheet HTML 6Page - Texas Instruments DS90CR564 Datasheet HTML 7Page - Texas Instruments DS90CR564 Datasheet HTML 8Page - Texas Instruments DS90CR564 Datasheet HTML 9Page - Texas Instruments DS90CR564 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (
Figure 4)
2.5
4.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time (
Figure 4)
2.0
3.5
ns
RCOP
RxCLK OUT Period
15
T
50
ns
RCOH
RxCLK OUT High Time
f = 65 MHz
3.8
5
ns
RCOL
RxCLK OUT Low Time
f = 65 MHz
7.8
9
ns
RSRC
RxOUT Setup to RxCLK OUT
f = 65 MHz
2.5
4.2
ns
RHRC
RxOUT Hold to RxCLK OUT
f = 65 MHz
4.0
5.2
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 5.0V
6.4
10.7
ns
(
Figure 10)
RPLLS
Receiver Phase Lock Loop Set (
Figure 12)10
ms
RSKM
RxIN Skew Margin (Note 6) (
Figure 14)V
CC = 5V, TA =25˚C
600
ps
RPDD
Receiver Powerdown (
Figure 17)1
µs
Note 6: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter output skew (TCCS)
and the setup and hold time (internal data sampling window), allowing for LVDS cable skew dependent on type/length and source clock (TxCLK IN) jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle)
AC Timing Diagrams
DS012617-4
FIGURE 1. “Worst Case” Test Pattern
www.national.com
5


Similar Part No. - DS90CR564

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR564MTD NSC-DS90CR564MTD Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
More results

Similar Description - DS90CR564

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com