Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR563 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90CR563
Description  LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR563 Datasheet(HTML) 2 Page - Texas Instruments

  DS90CR563 Datasheet HTML 1Page - Texas Instruments DS90CR563 Datasheet HTML 2Page - Texas Instruments DS90CR563 Datasheet HTML 3Page - Texas Instruments DS90CR563 Datasheet HTML 4Page - Texas Instruments DS90CR563 Datasheet HTML 5Page - Texas Instruments DS90CR563 Datasheet HTML 6Page - Texas Instruments DS90CR563 Datasheet HTML 7Page - Texas Instruments DS90CR563 Datasheet HTML 8Page - Texas Instruments DS90CR563 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS90CR563/DS90CR564
LVDS 18-Bit Color Flat Panel Display (FPD) Link—
65 MHz
General Description
The DS90CR563 transmitter converts 21 bits of CMOS/TTL
data into three LVDS (Low Voltage Differential Signaling)
data streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fourth LVDS link. Every
cycle of the transmit clock 21 bits of input data are sampled
and transmitted. The DS90CR564 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL data. At
a transmit clock frequency of 65 MHz, 18 bits of RGB data
and 3 bits of LCD timing and control data (FPLINE,
FPFRAME, DRDY) are transmitted at a rate of 455 Mbps per
LVDS data channel. Using a 65 MHz clock, the data through-
put is 171 Mbytes per second. These devices are offered
with rising edge data strobes for convenient interface with a
variety of graphics and LCD panel controllers.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n 20 to 65 MHz shift clk support
n Up to 171 Mbytes/s bandwidth
n Cable size is reduced to save cost
n 290 mV swing LVDS devices for low EMI
n Low power CMOS design (< 550 mW typ)
n Power-down mode saves power (< 0.25 mW)
n PLL requires no external components
n Low profile 48-lead TSSOP package
n Rising edge data strobe
n Compatible with TIA/EIA-644 LVDS standard
n Single pixel per clock XGA (1024 x 768)
n Supports VGA, SVGA, XGA and higher
n 1.3 Gbps throughput
Block Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS90CR563
DS012617-2
Order Number DS90CR563MTD
See NS Package Number MTD48
DS90CR564
DS012617-1
Order Number DS90CR564MTD
See NS Package Number MTD48
July 1997
© 1998 National Semiconductor Corporation
DS012617
www.national.com


Similar Part No. - DS90CR563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CR563MTD NSC-DS90CR563MTD Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
More results

Similar Description - DS90CR563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com